Electronic Components Datasheet Search
  English  ▼

X  

DM9013EP Datasheet(PDF) 44 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 44 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 48Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 75 page
background image
DM9013
3-port switch with Processor Interface
44
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
selected by auto-negotiation
7
Collision test
0,RW
Collision Test
0 = Normal operation
1 = Collision test enabled. When set, this bit will cause the COL
signal to be asserted in response to the assertion of TX_EN in
internal MII interface.
6-0
Reserved
0,RO
Reserved
Read as 0, ignore on write
8.2 Basic Mode Status Register (BMSR) – 01H
Bit
Bit Name
Default
Description
15
100BASE-T4
0,RO/P
100BASE-T4 Capable
0 = not able to perform in 100BASE-T4 mode
1 = able to perform in 100BASE-T4 mode
14
100BASE-TX
full-duplex
1,RO/P
100BASE-TX Full Duplex Capable
0 = not able to perform 100BASE-TX in full duplex mode
1 = able to perform 100BASE-TX in full duplex mode
13
100BASE-TX
half-duplex
1,RO/P
100BASE-TX Half Duplex Capable
0 = not able to perform 100BASE-TX in half duplex mode
1 = able to perform 100BASE-TX in half duplex mode
12
10BASE-T
full-duplex
1,RO/P
10BASE-T Full Duplex Capable
0 = not able to perform 10BASE-TX in full duplex mode
1 = able to perform 10BASE-T in full duplex mode
11
10BASE-T
half-duplex
1,RO/P
10BASE-T Half Duplex Capable
0 = not able to perform 10BASE-T in half duplex mode
1 = able to perform 10BASE-T in half duplex mode
10-7
Reserved
0,RO
Reserved
Read as 0, ignore on write
6
MF preamble
suppression
1,RO
MII Frame Preamble Suppression
0 = not accept management frames with preamble suppressed
1 = accept management frames with preamble suppressed
5
Auto-negotiation
Complete
0,RO
Auto-negotiation Complete
0 = Auto-negotiation process not completed
1 = Auto-negotiation process completed
4
Remote fault
0, RO
Remote Fault
0 = No remote fault condition detected
1 = Remote fault condition detected (cleared on read or by a chip
reset). Fault criteria and detection method is DM9013
implementation specific. This bit will set after the RF bit in the
ANLPAR (bit 13, register address 05) is set
3
Auto-negotiation
ability
1,RO/P
Auto Configuration Ability
0 = not able to perform auto-negotiation
1 = able to perform auto-negotiation
2
Link status
0,RO
Link Status
0 = Link is not established



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com