Electronic Components Datasheet Search
  English  ▼

X  

DM9013EP Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
17
DM9013-15-DS-P03
April 9, 2009
5.10 Strap Pins Table
1: pull-high 1K~10K, 0: default floating.
5.10.1 Strap pin in 3-port mode
Pin No.
Pin Name
Description
50,
51
EECK
EEDO
Processor Data Bus Width
EECK
EEDO
data width
0
0
16-bit
0
1
32-bit
1
0
8-bit
1
1
reserved
52
EECS
0: use internal system clock
1: use SCLK as system clock
55
MDC
Polarity of IRQ
0: IRQ pin high active
1: IRQ pin low active;
58
TXD2_3
ISA pin control
0: GP6/5 as normal general purpose pins
1: GP6 as IO16, GP5 as IOWAIT used in ISA bus only
59
TXD2_2
Port 2 in force mode
GP4 : 0 strap as link status,
: 1 strap as not link status,
GP3 : 0 strap as full-duplex status,
: 1 strap as half-duplex status,
GP2 : 0 strap as speed100 status,
: 1 strap as speed10 status.
60,61
TXD2_1,0
00: P2 is MII mode (Default)
01: P2 is in reverse MII mode
10: P2 is in RMII mode
11: reserved
63
TXEN2
Output Type of IRQ
0: IRQ pin is force output
1: IRQ pin is Open-Collect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com