Electronic Components Datasheet Search
  English  ▼

X  

DM9013EP Datasheet(PDF) 70 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 70 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 74Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 75 page
background image
DM9013
3-port switch with Processor Interface
70
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
10.4.6 MII Management Interface Timing
MDC
MDIO (drived by DM9013)
T1
T2
T3
T4
T5
MDIO (drived by exetrnal MII)
MDIO_9013.vsd
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
MDC Frequency
0.52
MHz
T2
MDIO by DM9013 Setup Time
955
ns
T3
MDIO by DM9013 Hold Time
960
ns
T4
MDIO by External MII Setup Time
40
ns
T5
MDIO by External MII Hold Time
40
ns
10.4.7 EEPROM Timing
EECS
EECK
EEDO
T1
T2
T3
T4
T5
T6
T7
EEDI
eeprom_9013.vcd
Symbol
Parameter
Min.
Typ.
Max.
Unit
T1
EECS Setup Time
480
ns
T2
EECS Hold Time
2080
ns
T3
EECK Frequency
0.38
MHz
T4
EEDO Setup Time
460
ns
T5
EEDO Hold Time
2100
ns
T6
EEDI Setup Time
8
ns
T7
EEDI Hold Time
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com