Electronic Components Datasheet Search
  English  ▼

X  

DM9013EP Datasheet(PDF) 33 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 33 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 37Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
33
DM9013-15-DS-P03
April 9, 2009
MIB counter: RX Byte Counter Registers (00H)
MIB counter: RX Uni-cast Packet Counter Registers (01H)
MIB counter: RX Multi-cast Packet Counter Registers (02H)
MIB counter: RX Discard Packet Counter Registers (03H)
MIB counter: RX Error Packet Counter Registers (04H)
MIB counter: TX Byte Counter Registers (05H)
MIB counter: TX Uni-cast Packet Counter Registers (06H)
MIB counter: TX Multi-cast Packet Counter Registers (07H)
MIB counter: TX Discard Packet Counter Registers (08H)
MIB counter: TX Error Packet Counter Registers (09H)
6.56 Port-based VLAN mapping table Registers (B0H~BFH)
Bit
Name
Default
Description
7:4
RESERVED
PE0,RO
Reserved
3:0
PORTS
PEF,RW
Port 3(uP) 2~0
6.57 TOS Priority Map Registers (C0H~CFH)
C0H:
Bit
Name
Default
Description
7:6
TOS3
PE0/1,RW If bit 53H.7 =1 :TOS[7:2]=03H, otherwise TOS]7:5]=03H
5:4
TOS2
PE0,/1RW If bit 53H.7 =1 :TOS[7:2]=02H, otherwise TOS]7:5]=02H
3:2
TOS1
PE0,RW
If bit 53H.7 =1 :TOS[7:2]=01H, otherwise TOS]7:5]=01H
1:0
TOS0
PE0,RW
If bit 53H.7 =1 :TOS[7:2]=00H, otherwise TOS]7:5]=00H
C1H:
Bit
Name
Default
Description
7:6
TOS7
PE0/3,RW If bit 53H.7 =1 :TOS[7:2]=07H, otherwise TOS]7:5]=07H
5:4
TOS6
PE0/3,RW If bit 53H.7 =1 :TOS[7:2]=06H, otherwise TOS]7:5]=06H
3:2
TOS5
PE0/2,RW If bit 53H.7 =1 :TOS[7:2]=05H, otherwise TOS]7:5]=05H
1:0
TOS4
PE0/2,RW If bit 53H.7 =1 :TOS[7:2]=04H, otherwise TOS]7:5]=04H
C2H:
Bit
Name
Default
Description
7:6
TOSB
PE0,RW
If bit 53H.7 =1 :TOS[7:2]=0BH
5:4
TOSA
PE0,RW
If bit 53H.7 =1 :TOS[7:2]=0AH
3:2
TOS9
PE0,RW
If bit 53H.7 =1 :TOS[7:2]=09H
1:0
TOS8
PE0,RW
If bit 53H.7 =1 :TOS[7:2]=08H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com