Electronic Components Datasheet Search
  English  ▼

X  

DM9013EP Datasheet(PDF) 73 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 73 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 70Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 71Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 72Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 73Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 74Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 75Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 73 / 75 page
background image
DM9013
3-port switch with Processor Interface
Preliminary datasheet
73
DM9013-15-DS-P03
April 9, 2009
DM9013E_EVB_BOARD
2.1
RJ45_AND_LED
A
33
Tuesday , December 19, 2006
Title
Size
Document Number
Rev
Date:
Sheet
of
AVDD_18V
AVDD_18V
DVDD_33V
DVDD_33V
TX1+
RX1-
FDX0_LED
TX1-
SPD1_LED
TX0+
LNK0_LED
RX1+
FDX1_LED
LNK1_LED
RX0+
RX0-
TX0-
SPD0_LED
TX1+
TX1-
RX1+
RX1-
BWLED4
BWLED5
BWLED6
BWLED7
BWLED3
BWLED2
BWLED0
BWLED1
TX0-
RX0-
RX0+
TX0+
SPD1_LED
LNK0_LED
FDX1_LED
SPD0_LED
LNK1_LED
FDX0_LED
BWLED4
BWLED2
BWLED[0..7]
BWLED6
BWLED3
BWLED0
BWLED5
BWLED1
BWLED7
LNK0_LED
RJ45_LINK
SPD0_LED
RJ45_SPD
R22 330
1
2
3
4
5
6
7
8
R14
49.9/1%
U6
MAGCOM_HS9024
1
3
5
6
8
9
11
13
14
16
2
7
10
15
4
12
RD-
RD+
CT
TD-
TD+
TX-
TX+
MCT
RX-
RX+
NC
NC
NC
NC
NC
NC
JP4 RJ-45
1
2
3
4
5
6
7
8
D7
LEDA
C
D15
LEDA
C
C41
0.1uF
D6
LEDA
C
D14
LEDA
C
D9
LEDA
C
U7
MAGCOM_HS9016
1
3
5
6
8
9
11
13
14
16
2
7
10
15
4
12
RD-
RD+
CT
TD-
TD+
TX+
TX-
MCT
RX+
RX-
NC
NC
NC
NC
NC
NC
R15
49.9/1%
R25
49.9/1%
R13
49.9/1%
D4
LEDA
C
C35
0.01uF/2KV
D13
LEDA
C
D2
LEDA
C
D3
LEDA
C
R26
49.9/1%
D10
LEDA
C
C36
0.1uF
R28 330
1
2
3
4
5
6
7
8
R21
512
U2A
74HC04
1
2
R24
49.9/1%
D12
LEDA
C
C38
0.1uF
R17
75/1%
D11
LEDA
C
C39
0.01uF/2KV
R30
75/1%
U2B
74HC04
3
4
C42
0.1uF
R27
49.9/1%
D5
LEDA
C
R19
75/1%
R31
75/1%
R18
75/1%
R32 330
1
2
3
4
5
6
7
8
C43
0.1uF
C44
0.1uF
R20
512
JP3 RJ-45_LED
1
2
3
4
5
6
7
8
C40
0.1uF
D8
LEDA
C
C37
0.1uF
R16
49.9/1%
R29
75/1%
R23 330
1
2
3
4
5
6
7
8
RX0+
TX0+
RX1-
TX1+
TX1-
RX0-
TX0-
RX1+
LNK0_LED
SPD0_LED
FDX0_LED
LNK1_LED
SPD1_LED
FDX1_LED
BWLED[0..7]
TP / LED Interface
Davicom Semiconductor Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com