Electronic Components Datasheet Search
  English  ▼

X  

DM9013EP Datasheet(PDF) 16 Page - Davicom Semiconductor, Inc.

Part # DM9013EP
Description  10/100 Mbps 3-port Ethernet Switch Controller with General Processor Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9013EP Datasheet(HTML) 16 Page - Davicom Semiconductor, Inc.

Back Button DM9013EP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9013EP Datasheet HTML 20Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 75 page
background image
DM9013
3-port switch with Processor Interface
16
Preliminary datasheet
DM9013-15-DS-P03
April 9, 2009
5.6 Clock Interface
Pin No.
Pin Name
I/O
Description
101
X1
I
Crystal 25MHz In
102
X2
O
Crystal 25MHz Out
116
SCLK
I
External system clock source
5.7 Network Interface
Pin No.
Pin Name
I/O
Description
80,81
TX1+/-
I/O
Port 1 TP TX
84,85
RX1+/-
I/O
Port 1 TP RX
88,89
TX0+/-
I/O
Port 0 TP TX
92,93
RX0+/-
I/O
Port 0 TP RX
95
BGRES
I/O
Band gap Pin
96
BGGND
P
Band gap Ground
97
VCNTL
I/O
1.8V Voltage control
98
VREF
O
Voltage Reference
5.8 Miscellaneous Pins
Pin No.
Pin Name
I/O
Description
53
PWRST#
I
Power on Reset.
76
TEST1
I,PD Tie to ground in application
77
TEST2
I,PD 0: 3-port mode
All ports are active in this mode.
1: 2-port mode
Only 2 ports are active in this mode. Port 1 or port 2
can be disabled by strap TXEN2. In this mode, the
disabled port’s memory resource is shared by
processor port and the other 2 ports.
78
TEST3
I,PD Tie to ground in application
5.9 Power Pins
Pin No.
Pin Name
I/O
Description
4,18,32,40,48,62,75,100
VCC3
P
Digital 3.3V
24,57,120
VCCI
P
Internal 1.8V core power
11,21,27,35,45,
54,69,103,125
GND
P
Digital GND
86,94,99
AVDD3
P
Analog 3.3V power
79,87
AVDDI
P
Analog 1.8V power
82,83,90,91
AGND
P
Analog GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com