Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 7 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3652 Datasheet HTML 3Page - Linear Technology LT3652 Datasheet HTML 4Page - Linear Technology LT3652 Datasheet HTML 5Page - Linear Technology LT3652 Datasheet HTML 6Page - Linear Technology LT3652 Datasheet HTML 7Page - Linear Technology LT3652 Datasheet HTML 8Page - Linear Technology LT3652 Datasheet HTML 9Page - Linear Technology LT3652 Datasheet HTML 10Page - Linear Technology LT3652 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LT3652
7
3652fb
PIN FUNCTIONS
VIN (Pin 1): Charger Input Supply. VIN operating range
is 4.95V to 32V. VIN must be 3.3V greater than the pro-
grammed output battery float voltage (VBAT(FLT)) for reli-
able start-up. (VIN – VBAT(FLT)) ≥ 0.75V is the minimum
operating voltage, provided (VBOOST – VSW) ≥ 2V. IVIN ~
85μA after charge termination.
VIN_REG (Pin 2): Input Voltage Regulation Reference.
Maximum charge current is reduced when this pin is below
2.7V. Connecting a resistor divider from VIN to this pin
enables programming of minimum operational VINvoltage.
This is typically used to program the peak power voltage
for a solar panel. The LT3652 servos the maximum charge
current required to maintain the programmed operational
VIN voltage, through maintaining the voltage on VIN_REG
at or above 2.7V. If the voltage regulation feature is not
used, connect the pin to VIN.
SHDN (Pin 3): Precision Threshold Shutdown Pin. The
enable threshold is 1.2V (rising), with 120mV of input
hysteresis. When in shutdown mode, all charging functions
are disabled. The precision threshold allows use of the
SHDN pin to incorporate UVLO functions. If the SHDN pin
is pulled below 0.4V, the IC enters a low current shutdown
mode where VIN current is reduced to 15μA. Typical SHDN
pin input bias current is 10nA. If the shutdown function
is not desired, connect the pin to VIN.
CHRG (Pin 4): Open-Collector Charger Status Output;
typically pulled up through a resistor to a reference volt-
age. This status pin can be pulled up to voltages as high
as VIN when disabled, and can sink currents up to 10mA
when enabled. During a battery charging cycle, if required
charge current is greater than 1/10 of the programmed
maximum current (C/10), CHRG is pulled low. A tem-
perature fault also causes this pin to be pulled low. After
C/10 charge termination or, if the internal timer is used
for termination and charge current is less than C/10, the
CHRG pin remains high-impedance.
FAULT (Pin 5): Open-Collector Charger Status Output;
typically pulled up through a resistor to a reference volt-
age. This status pin can be pulled up to voltages as high
as VIN when disabled, and can sink currents up to 10mA
when enabled. This pin indicates fault conditions during a
battery charging cycle. A temperature fault causes this pin
to be pulled low. If the internal timer is used for termina-
tion, a bad battery fault also causes this pin to be pulled
low. If no fault conditions exist, the FAULT pin remains
high-impedance.
TIMER (Pin 6): End-Of-Cycle Timer Programming Pin.
If a timer-based charge termination is desired, connect
a capacitor from this pin to ground. Full charge end-of-
cycle time (in hours) is programmed with this capacitor
following the equation:
tEOC = CTIMER • 4.4 • 106
A bad battery fault is generated if the battery does not
achieve the precondition threshold voltage within one-
eighth of tEOC, or:
tPRE = CTIMER • 5.5 • 105
A 0.68μF capacitor is typically used, which generates a
timer EOC at three hours, and a precondition limit time of
22.5 minutes. If a timer-based termination is not desired,
the timer function is disabled by connecting the TIMER
pin to ground. With the timer function disabled, charging
terminates when the charge current drops below a C/10
threshold, or ICHG(MAX)/10
VFB(Pin7):BatteryFloatVoltageFeedbackReference. The
charge function operates to achieve a final float voltage of
3.3V on this pin. Output battery float voltage (VBAT(FLT))
is programmed using a resistor divider. VBAT(FLT) can be
programmed up to 14.4V.
The auto-restart feature initiates a new charging cycle
when the voltage at the VFB pin falls 2.5% below the float
voltage reference.
The VFB pin input bias current is 110nA. Using a resistor
divider with an equivalent input resistance at the VFB pin
of 250k compensates for input bias current error.
Required resistor values to program desired VBAT(FLT)
follow the equations:
R1 = (VBAT(FLT) • 2.5 • 105)/3.3
(Ω)
R2 = (R1 • 2.5 • 105)/(R1 - (2.5 • 105))
(Ω)
R1 is connected from BAT to VFB, and R2 is connected
from VFB to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com