Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 4 Page - Linear Technology

  LT3652 Datasheet HTML 1Page - Linear Technology LT3652 Datasheet HTML 2Page - Linear Technology LT3652 Datasheet HTML 3Page - Linear Technology LT3652 Datasheet HTML 4Page - Linear Technology LT3652 Datasheet HTML 5Page - Linear Technology LT3652 Datasheet HTML 6Page - Linear Technology LT3652 Datasheet HTML 7Page - Linear Technology LT3652 Datasheet HTML 8Page - Linear Technology LT3652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3652
4
3652fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tTIMER
Full Charge Cycle Timeout
3
hr
Precondition Timeout
22.5
min
Timer Accuracy
l
–10
10
%
fO
Operating Frequency
1MHz
DC
Duty Cycle Range
Continuous Operation
l
15
90
%
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 20V, Boost – SW = 4V, SHDN = 2V, VFB = 3.3V, CTIMER = 0.68μF.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3652EDD is guaranteed to meet performance specifications
from 0°C to 125°C junction temperature. Specifications over the –40°C
to 125°C operating junction temperature range are assured by design,
characterization, and correlation with statistical process controls. The
LT3652IDD specifications are guaranteed over the full –40°C to 125°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes.
Note 3: VIN minimum voltages below the start threshold are only
supported if (VBOOST-VSW) > 2V.
Note 4: This parameter is valid for programmed output battery float
voltages ≤ 4.2V. VIN operating range minimum is 0.75V above the
programmed output battery float voltage (VBAT(FLT) + 0.75V). VIN Start
Voltage is 3.3V above the programmed output battery float voltage
(VBAT(FLT) + 3.3V).
Note 5: Output battery float voltage (VBAT(FLT)) programming resistor
divider equivalent resistance = 250k compensates for input bias current.
Note 6: All VFB voltages measured through 250k series resistance.
Note 7: VSENSE(DC) is reduced by thermal foldback as junction temperature
approaches 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com