Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3652 Datasheet HTML 5Page - Linear Technology LT3652 Datasheet HTML 6Page - Linear Technology LT3652 Datasheet HTML 7Page - Linear Technology LT3652 Datasheet HTML 8Page - Linear Technology LT3652 Datasheet HTML 9Page - Linear Technology LT3652 Datasheet HTML 10Page - Linear Technology LT3652 Datasheet HTML 11Page - Linear Technology LT3652 Datasheet HTML 12Page - Linear Technology LT3652 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT3652
9
3652fb
BLOCK DIAGRAM
3652 BD
+
–
+
–
+
–
–
+
TIMER
10mΩ
35V
0.1V
OFFSET
2.3V
4.6V
RESET
ENABLE
COUNT
RESET
C/10
PRECONDITION
1.36V
0.29V
46μA
VIN_REG
BOOST
VIN
SW
SENSE
BAT
VFB
NTC
VINT
2.7V
1.3V
1V
0.15V
1.2V
3.3V
3.218V
TERMINATE
50μA
0.7V
CONTROL LOGIC
RIPPLE
COUNTER
STATUS
TIMER
OSC.
NTC
0.2V
125°C
COUNT
COUNT
OSC
1MHz
LATCH
RS
RS
C-EA
30mV
x2.25
10 × RS
0.3V
VC
TDIE
ITH
MODE
(TIMER OR C/10)
TERMINATE
R
Q
S
2.7V
UVLO
OVLO
–
+
FAULT
CHRG
STANDBY
SHDN
V-EA
+
–
+
–
STANDBY
STANDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com