Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 8 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3652 Datasheet HTML 4Page - Linear Technology LT3652 Datasheet HTML 5Page - Linear Technology LT3652 Datasheet HTML 6Page - Linear Technology LT3652 Datasheet HTML 7Page - Linear Technology LT3652 Datasheet HTML 8Page - Linear Technology LT3652 Datasheet HTML 9Page - Linear Technology LT3652 Datasheet HTML 10Page - Linear Technology LT3652 Datasheet HTML 11Page - Linear Technology LT3652 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LT3652
8
3652fb
NTC (Pin 8): Battery Temperature Monitor Pin. This pin is
the input to the NTC (Negative Temperature Coefficient)
thermistor temperature monitoring circuit. This function is
enabled by connecting a 10kΩ, B = 3380 NTC thermistor
from the NTC pin to ground. The pin sources 50μA, and
monitors the voltage across the 10kΩ thermistor. When
the voltage on this pin is above 1.36 (T < 0°C) or below
0.29V (T > 40°C), charging is disabled and the CHRG and
FAULT pins are both pulled low. If internal timer termina-
tion is being used, the timer is paused, suspending the
charging cycle. Charging resumes when the voltage on NTC
returns to within the 0.29V to 1.36V active region. There
is approximately 5°C of temperature hysteresis associated
with each of the temperature thresholds. The temperature
monitoring function remains enabled while the thermistor
resistance to ground is less than 250k, so if this function
is not desired, leave the NTC pin unconnected.
BAT (Pin 9): Charger Output Monitor Pin. Connect a
10μF decoupling capacitance (CBAT) to ground. Depend-
ing on application requirements, larger value decoupling
capacitors may be required. The charge function operates
to achieve the programmed output battery float voltage
(VBAT(FLT)) at this pin. This pin is also the reference for
the current sense voltage. Once a charge cycle is termi-
nated, the input bias current of the BAT pin is reduced to
< 0.1μA, to minimize battery discharge while the charger
remains connected.
SENSE (Pin 10): Charge Current Sense Pin. Connect the
inductor sense resistor (RSENSE) from the SENSE pin to the
BAT pin. The voltage across this resistor sets the average
charge current. The maximum charge current (ICHG(MAX))
corresponds to 100mV across the sense resistor. This
resistor can be set to program maximum charge cur-
rent as high as 2A. The sense resistor value follows the
relation:
RSENSE = 0.1/ICHG(MAX) (Ω)
Once a charge cycle is terminated, the input bias current of
the SENSE pin is reduced to < 0.1μA, to minimize battery
discharge while the charger remains connected.
BOOST (Pin 11): Bootstrapped Supply Rail for Switch
Drive. This pin facilitates saturation of the switch transistor.
Connect a 1μF or greater capacitor from the BOOST pin
to the SW pin. Operating range of this pin is 0V to 8.5V,
referenced to the SW pin. The voltage on the decoupling
capacitor is refreshed through a rectifying diode, with
the anode connected to either the battery output voltage
or an external source, and the cathode connected to the
BOOST pin.
SW (Pin 12): Switch Output Pin. This pin is the output
of the charger switch, and corresponds to the emitter of
the switch transistor. When enabled, the switch shorts
the SW pin to the VIN supply. The drive circuitry for this
switch is bootstrapped above the VIN supply using the
BOOST supply pin, allowing saturation of the switch for
maximum efficiency. The effective on-resistance of the
boosted switch is 0.175Ω.
SGND (Pin 13): Ground Reference and Backside Exposed
Lead Frame Thermal Connection. Solder the exposed lead
frame to the PCB ground plane.
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com