Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 5 Page - Linear Technology

  LT3652 Datasheet HTML 1Page - Linear Technology LT3652 Datasheet HTML 2Page - Linear Technology LT3652 Datasheet HTML 3Page - Linear Technology LT3652 Datasheet HTML 4Page - Linear Technology LT3652 Datasheet HTML 5Page - Linear Technology LT3652 Datasheet HTML 6Page - Linear Technology LT3652 Datasheet HTML 7Page - Linear Technology LT3652 Datasheet HTML 8Page - Linear Technology LT3652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LT3652
5
3652fb
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Forward Drop (VIN – VSW)
vs Temperature
CC/CV Charging; SENSE Pin Bias
Current vs VSENSE
C/10 Threshold (VSENSE–VBAT)
vs Temperature
VFB Reference Voltage
vs Temperature
VIN Standby Mode Current
vs Temperature
Switch Drive (ISW/IBOOST)
vs Switch Current
TJ = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50
3.296
3.298
3.300
3.302
0
50
75
3652 G01a
3.304
–25
25
100
125
TEMPERATURE (°C)
–50
65
70
75
80
100
90
0
50
75
3652 G02
95
85
–25
25
100
SWITCH CURRENT (A)
0
18
24
30
36
1.6
12
6
0
21
27
33
15
9
3
0.4
0.8
1.2
0.2
1.8
0.6
1.0
1.4
2.0
3652 G03
TEMPERATURE (°C)
–50
320
340
360
380
480
420
0
50
75
3652 G04
440
460
400
–25
25
100
125
ISW = 2A
VSENSE (V)
0
–350
–250
–150
–50
100
1
2
2.5
50
–300
–200
–100
0
0.5
1.5
3652 G05
VBAT = VBAT(PRE)
VBAT = VBAT(FLT)
TEMPERATURE (°C)
–50
8
9
10
11
12
0
50
75
3652 G06
–25
25
100
125
TEMPERATURE (°C)
–50
2.680
2.685
2.690
2.715
2.710
2.705
2.700
2.695
0
50
75
3652 G01
2.720
–25
25
100
125
VIN_REG Threshold
vs Temperature: ICHG at 50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com