Electronic Components Datasheet Search
  English  ▼

X  

LT3652 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 1 Page - Linear Technology

  LT3652 Datasheet HTML 1Page - Linear Technology LT3652 Datasheet HTML 2Page - Linear Technology LT3652 Datasheet HTML 3Page - Linear Technology LT3652 Datasheet HTML 4Page - Linear Technology LT3652 Datasheet HTML 5Page - Linear Technology LT3652 Datasheet HTML 6Page - Linear Technology LT3652 Datasheet HTML 7Page - Linear Technology LT3652 Datasheet HTML 8Page - Linear Technology LT3652 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3652
1
3652fb
TYPICAL APPLICATION
DESCRIPTION
Power Tracking 2A Battery
Charger for Solar Power
The LT®3652 is a complete monolithic step-down bat-
tery charger that operates over a 4.95V to 32V input
voltage range. The LT3652 provides a constant-current/
constant-voltage charge characteristic, with maximum
charge current externally programmable up to 2A. The
charger employs a 3.3V float voltage feedback reference,
so any desired battery float voltage up to 14.4V can be
programmed with a resistor divider.
The LT3652 employs an input voltage regulation loop, which
reduces charge current if the input voltage falls below a
programmed level, set with a resistor divider. When the
LT3652 is powered by a solar panel, the input regulation
loop is used to maintain the panel at peak output power.
The LT3652 can be configured to terminate charging
when charge current falls below 1/10 of the programmed
maximum (C/10). Once charging is terminated, the LT3652
enters a low-current (85μA) standby mode. An auto-re-
charge feature starts a new charging cycle if the battery
voltage falls 2.5% below the programmed float voltage.
The LT3652 also contains a programmable safety timer,
used to terminate charging after a desired time is reached.
This allows top-off charging at currents less than C/10.
2A Solar Panel Power Manager With 7.2V LiFePO4 Battery
and 17V Peak Power Tracking
FEATURES
APPLICATIONS
n Input Supply Voltage Regulation Loop for Peak
Power Tracking in (MPPT) Solar Applications
n Wide Input Voltage Range: 4.95V to 32V (40V Abs Max)
n Programmable Charge Rate Up to 2A
n User Selectable Termination: C/10 or On-Board
Termination Timer
n Resistor Programmable Float Voltage Up to 14.4V
Accommodates Li-Ion/Polymer, LiFePO4, SLA,
NiMH/NiCd Chemistries
n No VIN Blocking Diode Required for Battery
Voltages ≤ 4.2V
n 1MHz Fixed Frequency
n 0.5% Float Voltage Reference Accuracy
n 5% Charge Current Accuracy
n 2.5% C/10 Detection Accuracy
n Binary-Coded Open-Collector Status Pins
n 3mm × 3mm DFN12 or MSOP-12 Packages
n Solar Powered Applications
n Remote Monitoring Stations
n LiFePO4 (Lithium Phosphate) Applications
n Portable Handheld Instruments
n 12V to 24V Automotive Systems
Solar Panel Input Voltage
Regulation, Tracks Max Power
Point to Greater Than 98%
SW
VIN
SOLAR PANEL INPUT
(<40V OC VOLTAGE)
VIN_REG
VFB
BOOST
SENSE
BAT
NTC
TIMER
CMSH3-40MA
SYSTEM LOAD
1μF
542k
459k
3652 TA01a
10k
B = 3380
2-CELL LiFePO4 (2 × 3.6V) BATTERY PACK
+
10μF
CMSH1-40MA
10μF
10μH
0.05
LT3652
530k
100k
SHDN
CHRG
FAULT
CMSH3-40MA
CHARGER OUTPUT CURRENT (A)
0.2
10
12
14
20
18
16
0.6
1
1.2
3652 TA01b
22
0.4
0.8
1.6
1.4
2
1.8
100% TO 98% PEAK POWER
98% TO 95% PEAK POWER
TA = 25°C
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LT3652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652 LINER-LT3652 Datasheet
433Kb / 40P
High Voltage High Current Controller for Battery Charging and Power Management
LT3652 LINER-LT3652 Datasheet
477Kb / 40P
High Voltage High Current Controller for Battery Charging with Maximum Power Point Control
LT3652 LINER-LT3652 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
logo
Analog Devices
LT3652 AD-LT3652 Datasheet
1Mb / 48P
35V/3.2A Lead-Acid Step-Down Battery Charger with PowerPath and I2C Telemetry
01/19-REV.B
LT3652 AD-LT3652 Datasheet
1Mb / 52P
35V/3.2A Multicell Lithium-Ion Step-Down Battery Charger with PowerPath and I2C Telemetry
10/18-REV.A
More results

Similar Description - LT3652

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
Power Tracking 2A Battery Charger
LTM8062 LINER-LTM8062 Datasheet
587Kb / 20P
32VIN, 2A 關Module Power Tracking Battery Charger
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
32VIN, 2A Module Power Tracking Battery Chargers
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
Power Tracking 2A Battery Charger for Solar Power
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
Power Tracking 2A Battery Charger
LT3652HVEDD LINER-LT3652HVEDD Datasheet
108Kb / 6P
17.7V to 34V Input SLA 2A Battery Charger For Solar Power
logo
Ultralife Corporation.
URB12550 ULTRALIFE-URB12550 Datasheet
334Kb / 2P
Solar power battery
Rev: D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com