Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 1 Page - Linear Technology

  LTC3868 Datasheet HTML 1Page - Linear Technology LTC3868 Datasheet HTML 2Page - Linear Technology LTC3868 Datasheet HTML 3Page - Linear Technology LTC3868 Datasheet HTML 4Page - Linear Technology LTC3868 Datasheet HTML 5Page - Linear Technology LTC3868 Datasheet HTML 6Page - Linear Technology LTC3868 Datasheet HTML 7Page - Linear Technology LTC3868 Datasheet HTML 8Page - Linear Technology LTC3868 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LTC3868

3868fb
Typical applicaTion
FeaTures
applicaTions
DescripTion
Low IQ, Dual
2-Phase Synchronous
Step-Down Controller
High Efficiency Dual 8.5V/3.3V Step-Down Converter
n
Low Operating IQ: 170µA (One Channel On)
n
Wide Output Voltage Range: 0.8V ≤ VOUT ≤ 14V
n
Wide VIN Range: 4V to 24V
n
RSENSE or DCR Current Sensing
n
Out-of-PhaseControllersReduceRequiredInput
CapacitanceandPowerSupplyInducedNoise
n
OPTI-LOOP®CompensationMinimizesCOUT
n
Phase-LockableFrequency(75kHzto850kHz)
n
ProgrammableFixedFrequency(50kHzto900kHz)
n
SelectableContinuous,Pulse-Skippingor
BurstMode®OperationatLightLoads
n
VeryLowDropoutOperation:99%DutyCycle
n
AdjustableOutputVoltageSoft-Start
n
PowerGoodOutputVoltageMonitor
n
OutputOvervoltageProtection
n
OutputLatchoffProtectionDuringShortCircuit
n
LowShutdownIQ:8µA
n
InternalLDOPowersGateDrivefromVINorEXTVCC
n
NoCurrentFoldbackDuringStart-Up
n
Small5mm
×5mmQFNPackage
n
NotebookandPalmtopComputers
n
PortableInstruments
n
BatteryOperatedDigitalDevices
n
DistributedDCPowerSystems
L
,LT,LTC,LTM,BurstMode,OPTI-LOOP,PolyPhase,µModule,LinearTechnologyandtheLinear
logoareregisteredtrademarksandNoRSENSEandUltraFastaretrademarksofLinearTechnology
Corporation.Allothertrademarksarethepropertyoftheirrespectiveowners.ProtectedbyU.S.
Patents,including5481178,5705919,5929620,6100678,6144194,6177787,6304066,6580258.
Efficiency and Power Loss
vs Load Current
The LTC®3868 is a high performance dual step-down
switchingregulatorcontrollerthatdrivesallN-channel
synchronouspowerMOSFETstages.Aconstantfrequency
currentmodearchitectureallowsaphase-lockablefre-
quencyofupto850kHz.Powerlossandnoiseduetothe
inputcapacitorESRareminimizedbyoperatingthetwo
controlleroutputsoutofphase.
The170μAno-loadquiescentcurrentextendsoperating
lifeinbattery-poweredsystems.OPTI-LOOPcompensa-
tionallowsthetransientresponsetobeoptimizedover
awiderangeofoutputcapacitanceandESRvalues.The
LTC3868featuresaprecision0.8Vreferenceandapower
goodoutputindicator.Awide4Vto24Vinputsupplyrange
encompassesawiderangeofintermediatebusvoltages
andbatterychemistries.
Independentsoft-startpinsforeachcontrollerrampthe
outputvoltagesduringstart-up.Currentfoldbacklimits
MOSFETheatdissipationduringshort-circuitconditions.
Theoutputshort-circuitlatchofffeaturefurtherprotects
thecircuitinshort-circuitconditions.
Foraleaded28-leadSSOPpackagewithafixedcurrent
limitandonePGOODoutput,withoutphasemodulation
oraclockoutput,seetheLTC3868-1datasheet.
0.1µF
62.5k
3.3µH
680pF
150µF
4.7µF
22µF
50V
0.007Ω
20k
15k
VOUT1
3.3V
5A
150µF
0.1µF
193k
7.2µH
680pF
0.01Ω
20k
15k
VOUT2
8.5V
3.5A
TG1
TG2
BOOST1
BOOST2
SW1
SW2
BG1
BG2
SGND
PGND
SENSE1+
SENSE2+
SENSE1–
SENSE2–
VFB1
VFB2
ITH1
ITH2
VIN
INTVCC
SS1
SS2
VIN
9V TO 24V
3868 TA01
0.1µF
0.1µF
LTC3868
OUTPUT CURRENT (A)
0.0001
40
50
60
70
80
0.001
0.01
0.1
1
10
3868 TA01b
30
20
10
0
90
100
10
100
1000
1
0.1
10000
EFFICIENCY
POWER LOSS
VIN = 12V
VOUT = 3.3V
FIGURE 12 CIRCUIT


Similar Part No. - LTC3868

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3868 LINER-LTC3868 Datasheet
563Kb / 34P
Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
LTC3868 LINER-LTC3868 Datasheet
442Kb / 40P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
563Kb / 34P
Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
LTC3868-1 LINER-LTC3868-1 Datasheet
442Kb / 40P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC3868

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857_15 Datasheet
447Kb / 38P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-2 LINER-LTC3858-2 Datasheet
442Kb / 40P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com