Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3868 Datasheet HTML 17Page - Linear Technology LTC3868 Datasheet HTML 18Page - Linear Technology LTC3868 Datasheet HTML 19Page - Linear Technology LTC3868 Datasheet HTML 20Page - Linear Technology LTC3868 Datasheet HTML 21Page - Linear Technology LTC3868 Datasheet HTML 22Page - Linear Technology LTC3868 Datasheet HTML 23Page - Linear Technology LTC3868 Datasheet HTML 24Page - Linear Technology LTC3868 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3868

3868fb
applicaTions inForMaTion
Figure 7. Using the TRACK/SS Pin to Program Soft-Start
Soft-startisenabledbysimplyconnectingacapacitorfrom
theSSpintoground,asshowninFigure7.Aninternal1µA
currentsourcechargesthecapacitor,providingalinear
rampingvoltageattheSSpin.TheLTC3868willregulate
theVFBpin(andhenceVOUT)accordingtothevoltageon
theSSpin,allowingVOUTtorisesmoothlyfrom0Vto
itsfinalregulatedvalue.Thetotalsoft-starttimewillbe
approximately:
tSS = CSS •
0.8V
1µA
as discussed in the Efficiency Considerations section.
Thejunctiontemperaturecanbeestimatedbyusingthe
equationsgiveninNote3oftheElectricalCharacteristics.
Forexample,theLTC3868INTVCCcurrentislimitedtoless
than45mAfroma28VsupplywhennotusingtheEXTVCC
supplyat70°Cambienttemperature:
TJ=70°C+(45mA)(28V)(43°C/W)=125°C
Topreventthemaximumjunctiontemperaturefrombe-
ingexceeded,theinputsupplycurrentmustbechecked
whileoperatinginforcedcontinuousmode(PLLIN/MODE
=INTVCC)atmaximumVIN.
WhenthevoltageappliedtoEXTVCCrisesabove4.7V,the
VINLDOisturnedoffandtheEXTVCCLDOisenabled.The
EXTVCCLDOremainsonaslongasthevoltageappliedto
EXTVCCremainsabove4.5V.TheEXTVCCLDOattempts
toregulatetheINTVCCvoltageto5.1V,sowhileEXTVCC
islessthan5.1V,theLDOisindropoutandtheINTVCC
voltageisapproximatelyequaltoEXTVCC.WhenEXTVCC
isgreaterthan5.1V,uptoanabsolutemaximumof14V,
INTVCCisregulatedto5.1V.
UsingtheEXTVCCLDOallowstheMOSFETdriverand
controlpowertobederivedfromoneoftheLTC3868’s
switchingregulatoroutputs(4.7V≤VOUT≤14V)during
normaloperationandfromtheVINLDOwhentheout-
putisoutofregulation(e.g.,start-up,short-circuit).If
morecurrentisrequiredthroughtheEXTVCCLDOthan
is specified, an external Schottky diode can be added
betweentheEXTVCCandINTVCCpins.Inthiscase,do
notapplymorethan6VtotheEXTVCCpinandmakesure
thatEXTVCC≤VIN.
Significantefficiencyandthermalgainscanberealized
bypoweringINTVCCfromtheoutput,sincetheVINcur-
rentresultingfromthedriverandcontrolcurrentswillbe
scaledbyafactorof(DutyCycle)/(SwitcherEfficiency).
For5Vto14Vregulatoroutputs,thismeansconnecting
theEXTVCCpindirectlytoVOUT.TyingtheEXTVCCpinto
an8.5Vsupplyreducesthejunctiontemperatureinthe
previousexamplefrom125°Cto:
TJ=70°C+(45mA)(8.5V)(43°C/W)=86°C
However,for3.3Vandotherlowvoltageoutputs,addi-
tionalcircuitryisrequiredtoderiveINTVCCpowerfrom
theoutput.
1/2 LTC3868
SS
CSS
SGND
3868 F07
INTVCC Regulators
The LTC3868 features two separate internal P-channel
lowdropoutlinearregulators(LDO)thatsupplypower
attheINTVCCpinfromeithertheVINsupplypinorthe
EXTVCCpindependingontheconnectionoftheEXTVCC
pin. INTVCC powers the gate drivers and much of the
LTC3868’sinternalcircuitry.TheVINLDOandtheEXTVCC
LDOregulateINTVCCto5.1V.Eachofthesecansupplya
peakcurrentof50mAandmustbebypassedtoground
withaminimumof4.7µFlowESRcapacitor.Nomatter
what type of bulk capacitor is used, an additional 1µF
ceramiccapacitorplaceddirectlyadjacenttotheINTVCC
andPGNDpinsishighlyrecommended.Goodbypassing
isneededtosupplythehightransientcurrentsrequired
bytheMOSFETgatedriversandtopreventinteraction
betweenthechannels.
HighinputvoltageapplicationsinwhichlargeMOSFETsare
beingdrivenathighfrequenciesmaycausethemaximum
junctiontemperatureratingfortheLTC3868tobeexceeded.
TheINTVCCcurrent,whichisdominatedbythegatecharge
current,maybesuppliedbyeithertheVINLDOorthe
EXTVCCLDO.WhenthevoltageontheEXTVCCpinisless
than4.7V,theVINLDOisenabled.Powerdissipationforthe
ICinthiscaseishighestandisequaltoVIN•IINTVCC.The
gatechargecurrentisdependentonoperatingfrequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com