Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 5 Page - Linear Technology

  LTC3868 Datasheet HTML 1Page - Linear Technology LTC3868 Datasheet HTML 2Page - Linear Technology LTC3868 Datasheet HTML 3Page - Linear Technology LTC3868 Datasheet HTML 4Page - Linear Technology LTC3868 Datasheet HTML 5Page - Linear Technology LTC3868 Datasheet HTML 6Page - Linear Technology LTC3868 Datasheet HTML 7Page - Linear Technology LTC3868 Datasheet HTML 8Page - Linear Technology LTC3868 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
LTC3868

3868fb
Typical perForMance characTerisTics
Efficiency and Power Loss
vs Output Current
Efficiency vs Output Current
Load Step (Burst Mode Operation)
Load Step
(Forced Continuous Mode)
Load Step (Pulse-Skipping Mode)
Inductor Current at Light Load
Soft Start-Up
Efficiency vs Input Voltage
OUTPUT CURRENT (A)
0.0001
40
50
60
70
80
0.001
0.01
0.1
1
10
3868 G02
30
20
10
0
90
100
VIN = 5V
VIN = 12V
VOUT = 3.3V
FIGURE 12 CIRCUIT
INPUT VOLTAGE (V)
0
90
92
94
3868 G03
88
86
84
80
10
20
5
15
25 28
82
98
96
FIGURE 12 CIRCUIT
VOUT = 3.3V
IOUT = 4A
OUTPUT CURRENT (A)
0.0001
40
50
60
70
80
0.001
0.01
0.1
1
10
3868 G01
30
20
10
0
90
100
10
100
1000
1
0.1
10000
FIGURE 12 CIRCUIT
VIN = 12V
VOUT = 3.3V
Burst Mode
OPERATION
PULSE-
SKIPPING
FCM
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
20µs/DIV
3868 G04
VOUT = 3.3V
FIGURE 12 CIRCUIT
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
20µs/DIV
3868 G05
VOUT = 3.3V
FIGURE 12 CIRCUIT
VOUT
100mV/DIV
AC-
COUPLED
IL
2A/DIV
20µs/DIV
3868 G06
VOUT = 3.3V
FIGURE 12 CIRCUIT
Burst Mode
OPERATION
2A/DIV
FORCED
CONTINUOUS
MODE
PULSE-
SKIPPING
MODE
2µs/DIV
3868 G07
VOUT = 3.3V
ILOAD = 200µA
FIGURE 12 CIRCUIT
VOUT2
2V/DIV
VOUT1
2V/DIV
20ms/DIV
3868 G08
FIGURE 12 CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com