Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 33 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC3868 Datasheet HTML 29Page - Linear Technology LTC3868 Datasheet HTML 30Page - Linear Technology LTC3868 Datasheet HTML 31Page - Linear Technology LTC3868 Datasheet HTML 32Page - Linear Technology LTC3868 Datasheet HTML 33Page - Linear Technology LTC3868 Datasheet HTML 34Page - Linear Technology LTC3868 Datasheet HTML 35Page - Linear Technology LTC3868 Datasheet HTML 36Page - Linear Technology LTC3868 Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
LTC3868

3868fb
Typical applicaTions
High Efficiency Dual 12V/5V Step-Down Converter
SENSE1+
SENSE1–
SENSE2–
SENSE2+
VFB1
ITH1
SGND
EXTVCC
RUN1
RUN2
FREQ
SS2
VFB2
SS1
ILIM
PHSMD
CLKOUT
PLLIN/MODE
PGOOD1
PGOOD2
BG1
SW1
BOOST1
TG1
VIN
INTVCC
PGND
TG2
BG2
BOOST2
SW2
C1
1nF
RB1
475k
COUT1: KEMET T525D476M016E035
COUT2: SANYO 10TPD150M
L1: SUMIDA CDR7D43MN
L2: SUMIDA CDEP105-4R3M
MTOP1, MTOP2, MBOT1, MBOT2: VISHAY Si7848DP
CF1
33pF
CITH1A 100pF
CSS1 0.01µF
CSS2 0.01µF
CITH1 680pF
CINT
4.7µF
CB1
0.47µF
CB2
0.47µF
D1
VIN
12.5V TO 24V
D2
LTC3868
L1
8.8µH
L2
4.3µH
RSENSE1
9m
RSENSE2
6m
MBOT1
MTOP2
MTOP1
MBOT2
3858 TA02a
100k
100k INTVCC
COUT1
47µF
VOUT1
12V
3A
VOUT2
5V
5A
CIN
22µF
COUT2
150µF
RA1
34k
RA2
75k
RB2
393k
CF2
15pF
RFREQ
60k
RITH1 10k
C2
1nF
ITH2
CITH2 680pF
CITH2A 100pF
RITH2 17k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com