Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3868 Datasheet HTML 10Page - Linear Technology LTC3868 Datasheet HTML 11Page - Linear Technology LTC3868 Datasheet HTML 12Page - Linear Technology LTC3868 Datasheet HTML 13Page - Linear Technology LTC3868 Datasheet HTML 14Page - Linear Technology LTC3868 Datasheet HTML 15Page - Linear Technology LTC3868 Datasheet HTML 16Page - Linear Technology LTC3868 Datasheet HTML 17Page - Linear Technology LTC3868 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LTC3868

3868fb
operaTion (Refer to the Functional Diagram)
Figure 2. Input Waveforms Comparing Single-Phase (a) and 2-Phase (b) Operation for Dual Switching Regulators
Converting 12V to 5V and 3.3V at 3A Each. The Reduced Input Ripple with the 2-Phase Regulator Allows
Less Expensive Input Capacitors, Reduces Shielding Requirements for EMI and Improves Efficiency
betweenthetwointernalcontrollers,assummarizedin
Table 1. The phases are calculated relative to the zero
degreesphasebeingdefinedastherisingedgeofthetop
gatedriveroutputofcontroller1(TG1).
Table 1
VPHASMD
CONTROLLER 2 PHASE
CLKOUT PHASE
GND
180°
60°
Floating
180°
90°
INTVCC
240°
120°
Output Overvoltage Protection
Anovervoltagecomparatorguardsagainsttransientover-
shootsaswellasothermoreseriousconditionsthatmay
overvoltagetheoutput.WhentheVFBpinrisesbymore
than10%aboveitsregulationpointof0.800V,thetop
MOSFETisturnedoffandthebottomMOSFETisturned
onuntiltheovervoltageconditioniscleared.
Power Good (PGOOD1 and PGOOD2) Pins
Each PGOOD pin is connected to an open drain of an
internalN-channelMOSFET.TheMOSFETturnsonand
pullsthePGOODpinlowwhenthecorrespondingVFBpin
voltageisnotwithin±10%ofthe0.8Vreferencevoltage.
ThePGOODpinisalsopulledlowwhenthecorresponding
RUNpinislow(shutdown).WhentheVFBpinvoltage
iswithinthe±10%requirement,theMOSFETisturned
offandthepinisallowedtobepulledupbyanexternal
resistortoasourcenogreaterthan6V.
Theory and Benefits of 2-Phase Operation
Whytheneedfor2-phaseoperation?Upuntilthe2-phase
family, constant frequency dual switching regulators
operated both channels in phase (i.e., single phase
operation).Thismeansthatbothswitchesturnedonat
thesametime,causingcurrentpulsesofuptotwicethe
amplitudeofthoseforoneregulatortobedrawnfromthe
inputcapacitorandbattery.Theselargeamplitudecurrent
pulsesincreasedthetotalRMScurrentflowingfromthe
inputcapacitor,requiringtheuseofmoreexpensiveinput
capacitorsandincreasingbothEMIandlossesintheinput
capacitorandbattery.
With 2-phase operation, the two channels of the dual
switchingregulatorareoperated180degreesoutofphase.
Thiseffectivelyinterleavesthecurrentpulsesdrawnbythe
switches,greatlyreducingtheoverlaptimewheretheyadd
together.TheresultisasignificantreductionintotalRMS
inputcurrent,whichinturnallowslessexpensiveinput
capacitorstobeused,reducesshieldingrequirementsfor
EMIandimprovesrealworldoperatingefficiency.
Figure2comparestheinputwaveformsforarepresenta-
tivesingle-phasedualswitchingregulatortotheLTC3868
2-phasedualswitchingregulator.Anactualmeasurementof
theRMSinputcurrentundertheseconditionsshowsthat
2-phaseoperationdroppedtheinputcurrentfrom2.53ARMS
to1.55ARMS.Whilethisisanimpressivereductioninitself,
rememberthatthepowerlossesareproportionaltoIRMS2,
IIN(MEAS) = 2.53ARMS
IIN(MEAS) = 1.55ARMS
3868 F02
5V SWITCH
20V/DIV
3.3V SWITCH
20V/DIV
INPUT CURRENT
5A/DIV
INPUT VOLTAGE
500mV/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com