Electronic Components Datasheet Search
  English  ▼

X  

LTC3868 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Dual 2-Phase Synchronous Step-Down Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 3 Page - Linear Technology

  LTC3868 Datasheet HTML 1Page - Linear Technology LTC3868 Datasheet HTML 2Page - Linear Technology LTC3868 Datasheet HTML 3Page - Linear Technology LTC3868 Datasheet HTML 4Page - Linear Technology LTC3868 Datasheet HTML 5Page - Linear Technology LTC3868 Datasheet HTML 6Page - Linear Technology LTC3868 Datasheet HTML 7Page - Linear Technology LTC3868 Datasheet HTML 8Page - Linear Technology LTC3868 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
LTC3868

3868fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
gm1,2
TransconductanceAmplifiergm
(Note4)ITH1,2=1.2V,Sink/Source=5µA
2
mmho
IQ
InputDCSupplyCurrent
(Note5)
Pulse-SkippingorForcedContinuous
Mode
(OneChannelOn)
RUN1=5VandRUN2=0Vor
RUN1=0VandRUN2=5V,
VFB1=0.83V(NoLoad)
1.3
mA
Pulse-SkippingorForcedContinuous
Mode
(BothChannelsOn)
RUN1,2=5V,VFB1,2=0.83V(NoLoad)
2
mA
SleepMode(OneChannelOn)
RUN1=5VandRUN2=0Vor
RUN1=0VandRUN2=5V,
VFB1=0.83V(NoLoad)
170
250
µA
SleepMode(BothChannelsOn)
RUN1,2=5V,VFB1,2=0.83V(NoLoad)
300
450
µA
Shutdown
RUN1,2=0V
8
25
µA
UVLO
UndervoltageLockout
INTVCCRampingUp
INTVCCRampingDown
l
l
3.6
4
3.8
4.2
4
V
V
VOVL
FeedbackOvervoltageProtection
MeasuredatVFB1,2,RelativetoRegulatedVFB1,2
7
10
13
%
ISENSE+
SENSE+PinsCurrent
EachChannel
±1
µA
ISENSE–
SENSE–PinsCurrent
EachChannel
VOUT1,2<INTVCC–0.5V
VOUT1,2>INTVCC+0.5V
540
±1
700
µA
µA
DFMAX
MaximumDutyFactor
InDropout,FREQ=0V
98
99.4
%
ISS1,2
Soft-StartChargeCurrent
VSS1,2=0V
0.7
1.0
1.4
µA
VRUN1,2On
RUNPinOnThreshold
VRUN1,VRUN2Rising
l
1.21
1.26
1.31
V
VRUN1,2Hyst RUNPinHysteresis
50
mV
VSS1,2LA
SSPinLatchoffArmingThreshold
VSS1,VSS2Risingfrom1V
1.9
2
2.1
V
VSS1,2LT
SSPinLatchoffThreshold
VSS1,VSS2Fallingfrom2V
1.3
1.5
1.7
V
IDSC1,2LT
SSDischargeCurrent
Short-CircuitConditionVFB1,2=0.5V,
VSS1,2=4.5V
7
10
13
µA
VSENSE(MAX) MaximumCurrentSenseThreshold
VFB1,2=0.7V,VSENSE1–,2–=3.3V,ILIM=0
VFB1,2=0.7V,VSENSE1–,2–=3.3V,ILIM=FLOAT
VFB1,2=0.7V,VSENSE1–,2–=3.3V,ILIM=INTVCC
22
43
64
30
50
75
36
57
86
mV
mV
mV
Gate Driver
TG1,2
Pull-UpOn-Resistance
Pull-DownOn-Resistance
2.5
1.5
Ω
Ω
BG1,2
Pull-UpOn-Resistance
Pull-DownOn-Resistance
2.4
1.1
Ω
Ω
TG1,2tr
TG1,2tf
TGTransitionTime:
RiseTime
FallTime
(Note6)
CLOAD=3300pF
CLOAD=3300pF
25
16
ns
ns
BG1,2tr
BG1,2tf
BGTransitionTime:
RiseTime
FallTime
(Note6)
CLOAD=3300pF
CLOAD=3300pF
28
13
ns
ns
TG/BGt1D
TopGateOfftoBottomGateOnDelay
SynchronousSwitch-OnDelayTime
CLOAD=3300pFEachDriver
30
ns
BG/TGt1D
BottomGateOfftoTopGateOnDelay
TopSwitch-OnDelayTime
CLOAD=3300pFEachDriver
30
ns
tON(MIN)
MinimumOn-Time
(Note7)
95
ns
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, VRUN1,2 = 5V, EXTVCC = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com