Electronic Components Datasheet Search
  English  ▼

X  

SE97B Datasheet(PDF) 26 Page - NXP Semiconductors

Part # SE97B
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97B Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button SE97B Datasheet HTML 22Page - NXP Semiconductors SE97B Datasheet HTML 23Page - NXP Semiconductors SE97B Datasheet HTML 24Page - NXP Semiconductors SE97B Datasheet HTML 25Page - NXP Semiconductors SE97B Datasheet HTML 26Page - NXP Semiconductors SE97B Datasheet HTML 27Page - NXP Semiconductors SE97B Datasheet HTML 28Page - NXP Semiconductors SE97B Datasheet HTML 29Page - NXP Semiconductors SE97B Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
26 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
3
EOCTL
EVENT Output Control.
0 — EVENT output disabled (default)
1 — EVENT output enabled
When either of the Critical Trip or Alarm Window lock bits is set, this bit
cannot be altered until unlocked.
2
CVO
Critical Event Only.
0 — EVENT output on Alarm or Critical temperature event (default)
1 — EVENT only if temperature is above the value in the critical
temperature register
When the alarm window lock bit is set, this bit cannot be altered until
unlocked.
1
EP
EVENT Polarity.
0 — active LOW (default)
1 — active HIGH. When either of the Critical Trip or Alarm Window lock
bits is set, this bit cannot be altered until unlocked.
When the EP (EVENT Polarity) bit is changed, the EVENT output would
immediately change state on the SE97B. A new Shutdown mode has been
added on the SE97B with two states defined by the SMBus register
EventSleepState = 0. Freeze state of EVENT output and
EventSleepState = 1: de-asserted state of EVENT output. So now if the EP
bit changes, the EVENT output state will change immediately even during
shutdown. It will not wait for the part to do a new temperature conversion
after coming out of shutdown. Changes to all other bits in the CONFIG
register and the SMBus register take effect after a new temperature
conversion happens when the part comes out of shutdown. The EP bit is not
related to temperature conversion or readings or if the part is in shutdown or
active.
Remark: In Shutdown mode, when DisableTimeout = 1 or if
DisableTimeout = 0 and Enable SDIO = 0, the EVENT Polarity bit will not
take effect immediately, but will updated after it comes out of shutdown.
0
EMD
EVENT Mode.
0 — comparator output mode (default)
1 — interrupt mode
When either of the Critical Trip or Alarm Window lock bits is set, this bit
cannot be altered until unlocked.
Table 13.
Configuration register (address 01h) bit description …continued
Bit
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com