Electronic Components Datasheet Search
  English  ▼

X  

SE97B Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SE97B
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97B Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SE97B Datasheet HTML 33Page - NXP Semiconductors SE97B Datasheet HTML 34Page - NXP Semiconductors SE97B Datasheet HTML 35Page - NXP Semiconductors SE97B Datasheet HTML 36Page - NXP Semiconductors SE97B Datasheet HTML 37Page - NXP Semiconductors SE97B Datasheet HTML 38Page - NXP Semiconductors SE97B Datasheet HTML 39Page - NXP Semiconductors SE97B Datasheet HTML 40Page - NXP Semiconductors SE97B Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
37 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
VOL(SDA) = LOW-level output voltage on pin SDA
VOL(EVENT) = LOW-level output voltage on pin EVENT
IOL(sink)(SDA) = SDA output current LOW
IOL(sink)EVENT = EVENT output current LOW
Calculation example:
Tamb (typical temperature inside the notebook) = 50 °C
IDD(AV) = 400 μA
VDD = 3.6 V
Maximum VOL(SDA) = 0.4 V
IOL(sink)(SDA) = 1 mA
VOL(EVENT) = 0.4 V
IOL(sink)EVENT = 3 mA
Rth(j-a) = 56 °C/W
Self heating due to power dissipation is:
(2)
9.4 Hot plugging
The SE97B can be used in hot plugging applications. Internal circuitry prevents damaging
current backflow through the device when it is powered down, but with the I2C-bus,
EVENT or address pins still connected. The open-drain SDA and EVENT pins (SCL and
address pins are input only) effectively places the outputs in a high-impedance state
during power-up and power-down, which prevents driver conflict and bus contention. The
50 ns noise filter will filter out any insertion glitches from the state machine, which is very
robust and not prone to false operation.
The device needs a proper power-up sequence to reset itself, not only for the device
I2C-bus and I/O initial states, but also to load specific pre-defined data or calibration data
into its operational registers. The power-up sequence should occur correctly with a fast
ramp rate and the I2C-bus active. The SE97B might not respond immediately after
power-up, but it should not damage the part if the power-up sequence is abnormal. If the
SCL line is held LOW, the part will not exit the power-on reset mode since the part is held
in reset until SCL is released.
ΔT56
3.6
0.4
×
()
0.4
3
×
()
0.4
1
×
()
++
[]
×
56
°C W 3.04 mW
0.17
°C
=
×
⁄
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com