Electronic Components Datasheet Search
  English  ▼

X  

SE97B Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE97B
Description  DDR memory module temp sensor with integrated SPD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97B Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE97B Datasheet HTML 13Page - NXP Semiconductors SE97B Datasheet HTML 14Page - NXP Semiconductors SE97B Datasheet HTML 15Page - NXP Semiconductors SE97B Datasheet HTML 16Page - NXP Semiconductors SE97B Datasheet HTML 17Page - NXP Semiconductors SE97B Datasheet HTML 18Page - NXP Semiconductors SE97B Datasheet HTML 19Page - NXP Semiconductors SE97B Datasheet HTML 20Page - NXP Semiconductors SE97B Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
SE97B_1
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 27 January 2010
17 of 53
NXP Semiconductors
SE97B
DDR memory module temp sensor with integrated SPD
7.10.1.3
Acknowledge polling
Acknowledge polling can be used to determine if the SE97B is busy writing or is ready to
accept commands. Polling is implemented by sending a ‘Selective Read’ command
(described in Section 7.10.3 “Read operations”) to the device. The SE97B will not
acknowledge the slave address as long as internal write is in progress.
7.10.2 Memory Protection
The lower half (the first 128 bytes) of the memory can be write protected by special
EEPROM commands without an external control pin. The SE97B features three types of
memory write protection instructions, and three respective read Protection instructions.
The level of write-protection (set or clear) that has been defined using these instructions
remained defined even after power cycle.
The memory protection commands are:
• Permanent Write Protection (PWP)
• Reversible Write Protection (RWP)
• Clear Write Protection (CWP)
• Read Permanent Write Protection (RPWP)
• Read Reversible Write Protection (RRWP)
• Read Clear Write Protection (RCWP)
Table 6 is the summary for normal and memory protection instructions.
[1]
The most significant bit, bit 7, is sent first.
[2]
VI(ov) ranges from 7.0 V to 10 V.
[3]
A0, A1, and A2 are compared against the respective external pins on the SE97B. Do not apply VI(ov) to the A0 pin during
Normal EEPROM read/write, Permanent Write Protection (PWP) and Read PWP.
This special EEPROM command consists of a unique 4-bit fixed address (0110b) and the
voltage level applied on the 3-bit hardware address. Normally, to address the memory
array, the 4-bit fixed address is ‘1010b’. To access the memory protection settings, the
4-bit fixed address is ‘0110b’. Figure 13 and Figure 14 show the write and read protection
sequence, respectively.
Table 6.
EEPROM commands summary
Command
Fixed address
Hardware selectable
address
R/W
Bit 7[1]
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Normal EEPROM read/write
1010A2
A1
A0
R/W
Reversible Write Protection (RWP)
0110VSS
VSS
VI(ov)[2]
0
Clear Reversible Write Protection (CRWP)
0110VSS
VDD
VI(ov)[2]
0
Permanent Write Protection (PWP)[3]
0110A2
A1
A0
0
Read RWP
0110VSS
VSS
VI(ov)[2]
1
Read CRWP
0110VSS
VDD
VI(ov)[2]
1
Read PWP
0110A2
A1
A0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com