Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 33 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 33 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 29Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 30Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 31Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 32Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 33Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 34Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 35Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 36Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 37Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 34
Main Serial Port READ Operation
the synthesizer uses the multi-purpose pin, LD_SDO, for both Lock Detect and serial Data out (sDo) functions. the
registers lkd_to_sdo_automux_en (Reg1A<12>) and lkd_to_sdo_always (Reg1A<13> table 36) determine how the
Data output pin is muxed with the Lock Detect function. if both of the registers are cleared, then the pin is exclusively
sDo. if automux is enabled, the pin switches to sDo when the rD function is sensed on the 1st rising edge of scLK.
if lkd_to_sdo_always is set, then the pin LD_SDO is dedicated for Lock Detect only, and it is not possible to read from
the synthesizer.
a typical reaD cycle is shown in figure 30.
a. the Master (host) asserts both sen (serial Port enable) and sDi to indicate a reaD
cycle, followed by a rising edge scLK
b. the slave (synthesizer) reads sDi on the 1st rising edge of scLK after sen. sDi high initiates
the reaD cycle (rD)
c. host places the six address bits on the next six falling edges of scLK, MsB first.
d. slave registers the address bits on the next six rising edges of scLK (2-7).
e. slave places the 24 data bits on the next 24 rising edges of scK (8-31), MsB first .
f. host registers the data bits on the next 24 falling edges of scK (8-31).
g. sen is de-asserted on the 32nd falling edge of scLK.
h. the 32nd falling edge of scLK completes the cycle
Figure 30. Serial Port Timing Diagram - READ
VCO SERIAL PORT
the Vco serial Port is a 3-wire serial port that may be used to control external step tuned Vcos that support serial
port control. Visit the hittite website or contact hittite sales for a full list of compatible Vcos. the Vco serial Port is
a 3-wire serial port that may be used to control external step tuned Vcos that support serial port control. the 3-wire
Vco serial port uses the following pins, as shown in figure 31:
VsDo: Vco serial Port Data out
VscK: Vco serial Port clock
VsLe: Vco serial Port Latch enable
the Vco serial Port transfers the contents of the 16-bit register spivco_direct_data (Reg0Bh table 22) to the Vco
upon receipt of a frequency change command. the lsbs of spivco_direct_data are the switch settings for the Vco and
may be set directly or by the autotune routine described in the section step tuned Vco support. Multiple Vco formats
are supported for autotuning. Vco tuning bits are configured with sar_bits_number (Reg0Dh<5:4> table 24). Multiple
Vco sPi formats are also supported and are configured by spivco_mode (Reg0Dh<1:0> table 24).
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com