Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 10Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 11Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 8
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
1. reference Path input Buffers
2. reference Path Divider
3. Vco Path input Buffer
4. Vco Path Multi-Modulus Prescaler/Divider
5. Δ∑ fractional Modulator
6. Phase frequency Detector
7. charge Pump
8. Main serial Port
9. Vco serial Port for stepped Vco support
10. temperature sensor
11. Power on reset circuit
12. Vco autocalibration subsystem
13. cW sweeper subsystem
14. auxiliary clock Generator
15. General Purpose output (GPo) Bus
16. Multiple Vco controller
Theory of Operation
the hMc702LP6ce synthesizer consists of the following functional blocks
each of these blocks is described briefly in the following section.
Reference Path
the full reference Path block diagram is shown in figure 7. the ultra low noise phase detector requires the best
possible reference signal. since a given application may desire to use a square wave or a 50 ohm sinusoidal
crystal source, hMc702LP6ce offers two input ports, each one optimized for the lowest possible noise for the
source type being used.
for absolute best low noise performance, the sine wave path should be used.
the user should use only one ref path input, that is the input that matches their reference source type. note the
input is defaulted to the square wave input on power up. should the sine reference path be used, it is necessary
to enable the sine input, shut down the square wave input and set the mux (rfp_buf_sin_en=1, rfp_buf_sq_en=0,
rfp_buf_sin_sel=1, table 12). the unused port should be left open.
the reference path supports input frequencies of up to 200 Mhz typical, however the maximum frequency at
the phase detector (PfD) depends upon the mode of operation, worst case at +85°c, 70 Mhz in fractional mode
and 110 Mhz in integer mode. hence reference inputs of greater than the PfD maximum frequency must use the
appropriate r divider setting. a further restriction exists. if the Vco auto calibration feature is used, the reference
input must not exceed 60 Mhz.
Figure 7. Reference Sine Input Stages
the unused reference port is normally not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com