Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 27 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 27 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 23Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 24Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 25Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 26Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 27Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 28Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 29Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 30Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 31Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 28
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
(eQ 14)
in this example the output frequency of 9,600,000,005.96 hz is achieved by programming the 16-bit binary value of
92d = 5c = 0000 0000 0101 1100 into dsm_intg.
similarly the 24-bit binary value of the fractional word is written into dsm_frac,
1d = 000 001h = 0000 0000 0000 0000 0000 0001
Example 2: set the output to 12.600 025 Ghz using a 100 Mhz reference, r=2.
find the nearest integer value, nint, nint = 126, fint = 12.600 000 Ghz
this leaves the fractional part to be ffrac =25 khz
(eQ 15)
since Nfrac must be an integer number, the actual fractional frequency will be 24,998.19 hz, an error of 1.81 hz.
here we program the 16-bit nint = 126d = 7eh = 0000 0000 0111 1110 and
the 24-bit nfrac = 4194d = 1062h = 0000 0100 0001 0010
in addition to the above frequency programming words, the fractional mode must be enabled using the frac register.
other DsM configuration registers should be set to the recommended values. register setup files are available on
request.
Integer Frequency
the synthesizer is capable of operating in integer mode. in integer mode the digital Δ∑ modulator is normally shut
off and the division ratio of the Vco divider is set at a fixed value. to run in integer mode set dsm_integer_mode
(Reg12h<3> table 29) and clear dsm_rstb (Reg01h<13> table 12). then program the integer portion of the frequency,
NINT, as explained by (eQ 13), ignoring the fractional part.
Frequency Hopping Trigger
if the synthesizer is in fractional mode, a write to the fractional frequency register, Reg10h table 27, will initiate the
frequency hop on the falling edge of the 31st clock edge of the serial port write (see figure 29).
if the integer frequency register, Reg0Fh table 26, is written when in fractional mode the information will be buffered
and only executed when the fractional frequency register is written.
if the synthesizer is in integer mode, a write to the integer frequency register, Reg0Fh table 26, will initiate the
frequency hop on the falling edge of the 31st clock edge of the serial port write (see figure 29).
Power On Reset (POR)
normally all logic cells in the hMc702LP6ce are reset when the device digital power supply, DVDD, is applied. this
is referred to as Power on reset, or just Por. Por normally takes about 500us after the DVDD supply exceeds 1.5V,
guaranteed to be reset in 1msec. once the DVDD supply exceeds 1.5V, the Por will not reset the digital again unless
the supply drops below 100mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com