Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 45 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 45 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 38Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 39Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 40Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 41Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 42Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 43Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 44Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 45Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 46Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 46
Table 38. Reg 1Ch Phase Detector CSP Register
Bit
Type
Name
Default
Description
3:0
r/W
pfds_sat_deltan
5’d4
0= cycle slip Prevention (csP) disabled
4-bit value to advance or retard phase detector in
Vco cycles if it reaches 2pi , i.e. cycle slip
prevention. 1st bit is polarity, enabled by rstb
4
r/W
pfds_rstb_force
0
csP PfD flip-flops rstB:
1 - controlled by the pfds_rstb bit:
0 - auto-controlled by the csP logic
forces the PfD into reset, which tristates charge
pump, freezes charge on the loop filter, and
hence opens the loop
5
r/W
pfds_rstb
1
csP PfD ff rstb
1 - enables the cycle slip Prevention (csP)
feature of the PfD
Table 39. Reg 1Dh VCO Tune Port Control Register
Bit
Type
Name
Default
Description
0
r/W
voltage_force
0
selects the source of control of the timing of the
mid-rail voltage,
voltage_force=0 selects autotune state machine
voltage_force=1 selects voltage_enable from sPi
Used for mid-rail control of Vco during
autotuning
1
r/W
voltage_enable
0
forces mid-rail voltage on the charge pump
output from the sPi when voltage_force=1
Used for mid-rail control of Vco during
autotuning
Table 40. Reg 1Eh Temperature Sensor Register
Bit
Type
Name
Default
Description
0
r/W
tsens_spi_enable
0
enable the temperature sensor, draws ~2ma
current, must strobe tsens_spi_strobe reg 00h
<3>
Table 41. Reg 1Fh LD, VCO & Ramp Busy Read Only Register
Bit
Type
Name
Default
Description
0
ro
ro_lock_detect
0
1 = locked, 0 = unlocked
3:1
ro
ro_dsm_overflow
0
1 = modulator overflow
4
ro
ro_spi_vco_busy
0
set when Vco autotuning is running
5
ro
ro_ramp_busy
0
sweeper status flag, set when ramp is busy,
cleared when at end of ramp or not used
Table 42. Reg 20h VCO Tune Caps Read Only Register (vcot)
Bit
Type
Name
Default
Description
5:0
ro
vcot_caps
0
reads the values of the Vco switched resonator
bank determined by the autotune routine (see )
0 = max Vco freq
63 = min Vco freq
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com