Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 41 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 41 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 37Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 38Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 39Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 40Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 41Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 42Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 43Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 44Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 45Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 42
Table 29. Reg 12h Delta Sigma Modulator Register
Bit
Type
Name
Default
Description
0
r/W
dsm_ref_clk_select
0
use reference instead of divider
1
r/W
dsm_invert_clk_sd3
1
invert Δ∑ clk
2
r/W
dsm_invert_clk_rph
0
inverts the ref clock phase
3
r/W
dsm_integer_mode
0
1- enables integer Mode, bypasses the Δ∑
modulator, leaves it running
see also dsm_rstb reg01h<13> to disable the
modulator
4
r/W
reserved
0
5
r/W
reserved
0
6
r/W
dsm_xref_sin_select
0
when xref is selected specifies that the sine
source is used
7
r/W
dsm_autoseed
1
automatic seed load when changing the frac
part, uses value in seed
9:8
r/W
dsm_order
2
00-first order 01-second 10-third fb 11-third ff
13:10
r/W
dsm_quant_max
4’b0111
max value allowed out of Δ∑ modulator quantizer
limits are +7 to -8, typ ±3 or ±4
17:14
r/W
dsm_quant_min
4’b1000
min value allowed out of Δ∑ modulator quantizer
limits are +7 to -8, typ ±3 or ±4
Table 30. Reg 14h CW Sweep Control Register
the maximum sweep range is limited to 510 x fxtal/r
Bit
Type
Name
Default
Description
0
r/W
clear_ovf_undf
0
asynchronous clear for ovf/undf flags
1
r/W
ramp_enable
0
ramp en/rstb
1= enables the cW ramp function
2
r/W
ramp_trigg
0
Write always triggers ramps if bit <2> = 0, if bit
<2> = 1, ramp will not trigger, bit <2> must be
reset to 0 first
3
r/W
ramp_repeat_en
0
ramp repeat seq enable
1= enables autotrigger of ramps
0 = ramp_trigg starts each ramp
4
r/W
ramp_startdir_dn
0
ramp start direction
1= start with ramp Down
0= start with ramp Up
5
r/W
ramp_trig_ext_en
0
enable hardware trigger on GPo3 pin
6
r/W
ramp_singlestep
0
ramp single step, advances the ramp to the next
step, and holds frequency
7
r/W
ramp_singledir
0
ramps in one direction only with hop to start at
end of ramp
Table 31. Reg 15h CW Sweep Ramp Step Register
the maximum sweep range is limited to 510 x fxtal/r
Bit
Type
Name
Default
Description
23:0
r/W
ramp_step
2048
ramp step size
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com