Electronic Components Datasheet Search
  English  ▼

X  

HMC702LP6CE Datasheet(PDF) 40 Page - Hittite Microwave Corporation

Part # HMC702LP6CE
Description  14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC702LP6CE Datasheet(HTML) 40 Page - Hittite Microwave Corporation

Back Button HMC702LP6CE Datasheet HTML 36Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 37Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 38Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 39Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 40Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 41Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 42Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 43Page - Hittite Microwave Corporation HMC702LP6CE Datasheet HTML 44Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 41
Table 23. Reg 0Ch VCO Auto Tune Wait Register
Bit
Type
Name
Default
Description
13:0
r/W
vcot_initial_wait
256
initial wait time (xtal cycles) after tri-stating
charge-pump to start Vco tuning
Table 24. Reg 0Dh VCO Control Register
Bit
Type
Name
Default
Description
1:0
r/W
spivco_mode
0
support for different Vco sPi formats
0: 16-bit VsPi
1: 10-bit VsPi with 5-bit sar
2: 10-bit VsPi with 6-bit sar
3: blank VcosPi data
3:2
r/W
f1_modesel
0
csP speedup function increases csP current
when Lock Detect window exceeds threshold
0: disabled
1: 1nsec threshold
2: 3nsec threshold
3: 5nsec threshold
5:4
r/W
sar_bits_number
0
autotune successive approximation register
(sar)
autotune algorithm supports Vcos with 5, 6, 7
or 8-bit step tuning
8-n = sar bits
0: 8 bit sar
1: 7 bit sar
2: 6 bit sar
3: 5 bit sar
6
r/W
autocal_when_unlocked
0
0 : disabled
1: automatically runs the autotuning routine to
relock the Vco if loss of lock is detected
Table 25. Reg 0Eh Reserved
Bit
Type
Name
Default
Description
23:0
r/W
reserved
0
reserved
Table 26. Reg 0Fh Integer Division Register
Bit
Type
Name
Default
Description
15:0
r/W
dsm_intg
200d
unsigned integer portion of Vco divider value,
also known as NINT, see (eQ 12)
Table 27. Reg 10h Fractional Division Register
Bit
Type
Name
Default
Description
23:0
r/W
dsm_frac
0
unsigned fractional portion of Vco divider also
known as NFRAC, see (eQ 12)
Table 28. Reg 11h Seed Register
Bit
Type
Name
Default
Description
23:0
r/W
dsm_seed
0
unsigned seed value for Δ∑ modulator
sets the start phase of the modulator
HMC702LP6CE
v05.0110
14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com