Electronic Components Datasheet Search
  English  ▼

X  

G7Z Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC G7Z Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
336
Power Relays
G7Z
Connecting
• Use round or open-end (Y-type) crimp terminals and connect the
terminals with the appropriate tightening torque. Refer to the termi-
nal section space in the following figure for the crimp terminal
dimensions.
Relay Contacts (Unit: mm)
Relay Coil
Auxiliary Contact Block
• One crimp terminal can be used for the Relay contact section (M5
screw). Two crimp terminals can be connected for the coil terminal
and auxiliary contact block.
Recommended Crimp Terminals and Wire
• Use the following tightening torque when tightening screws. Loose
screws may result in fire caused by abnormal heat generated when
the power is being supplied.
M5 screws: 2.0 to 2.2 N•m
M3.5 screws: 0.8 to 0.9 N•m
• Allow suitable slack on leads when wiring, and do not subject the
terminals to excessive force.
Microloads
The G7Z is used for switching power loads, such as current carry for
device power supplies and heater loads. Use an auxiliary contact
block (G73Z) if microloads are required for signal applications and
operation status feedback.
Operating Coil
(Internal Connections of Coils)
DC Coil
• If a transistor drives the G7Z, check the leakage current and con-
nect a bleeder resistor if necessary.
• The must operate voltage is the minimum value for the Relay arma-
ture to operate and the contacts to turn ON. Therefore, fundamen-
tally apply the rated voltage to the coils, taking into consideration
the increases in coil resistance caused by voltage fluctuation and
coil temperature rise.
Mirror Contact Mechanism
By combining a Relay with an auxiliary contact block, all NC contacts
of the auxiliary contact block will satisfy an impulse withstand voltage
of more than 2.5 kV or maintain a gap of more than 0.5 mm when the
coil is de-energized even if at least one NO contact (main contact) of
the Relay is welded (according to EN 60947-4-1).
Description of Mirror Contact Mechanism
Location
Crimp
terminals
Appropriate wire size
Contact
section
5.5-5
2.63 to 6.64 mm2 (AWG12, 10)
8-5
6.64 to 10.52 mm2 (AWG8)
Coil section 1.25-3.5
0.5 to 1.65 mm2 (AWG20 to 16)
11
M5
14.5
12.5
6
6
6.8
4.3
M3.5
9.5
6.8
5.5
5.5
M3.5
A2
A1
ab
Contact welding
NO
NO
NO
NC
NC
NO
Auxiliary contact block
Relay
Impulse withstand voltage: 2.5 kV min. or
contact separation (a + b): 0.5 mm min.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com