Electronic Components Datasheet Search
  English  ▼

X  

G7Z Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 3 Page - Omron Electronics LLC

  G7Z Datasheet HTML 1Page - Omron Electronics LLC G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Power Relays
G7Z
331
■ Characteristics
Note: 1. The above values are initial values.
2. The contact resistance for the Relay (G7Z) was measured with 1 A at 5 VDC using the voltage drop method.
The contact resistance for the auxiliary contact block (G73Z) was measured with 0.1 A at 5 VDC using the voltage drop method.
3. The operate time was measured with the rated voltage imposed with any contact bounce ignored at the ambient temperature of 23
°C.
4. The insulation resistance was measured with a 1,000-VDC megohmmeter applied to the same places as those used for checking the
dielectric strength.
5. The electrical endurance was measured at an ambient temperature of 23
°C.
6. The specifications for the auxiliary contact block mounted on the G7Z are the same as those for the G73Z auxiliary contact block.
Classification
Relay (See note 6.)
Auxiliary contact block
Item
Model G7Z-4A-
@Z, G7Z-3A1B-@Z, G7Z-2A2B-@Z
G73Z-20Z, G73Z-11Z, G73Z-02Z
Contact resistance (See note 2.)
100 m
Ω max.
Operating time (See note 3.)
50 ms max.
Release time (See note 3.)
50 ms max.
Maximum operating
frequency
Mechanical
1,800 operations/h
Rated load
1,200 operations/h
Insulation resistance (See note 4.)
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
4,000 VAC, 50/60 Hz for 1 min
—
Between contacts of different polarity
4,000 VAC, 50/60 Hz for 1 min
Between contacts of the same polarity 2,000 VAC, 50/60 Hz for 1 min
Impulse withstand
voltage
Between coil and contacts
10 kV, 1.2 x 50
μs
—
Between contacts of different polarity
10 kV, 1.2 x 50
μs
Between contacts of the same polarity 4.5 kV, 1.2 x 50
μs
Vibration resistance Destruction
10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Malfunction
NO: 10 to 55 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
NC: 10 to 32 to 10 Hz, 0.5-mm single amplitude (1.0-mm double amplitude)
Shock resistance
Destruction
Screw mounting: 800 m/s2, DIN Track mounting: 500 m/s2
Malfunction
NO: 100 m/s2
NO: 25 m/s2
Endurance
Mechanical
1,000,000 operations min. (at 1,800 operations/h, contact no load)
Electrical (See note 5.)
AC resistive load: 80,000 operations
AC inductive load: 80,000 operations
DC resistive load: 100,000 operations (at 1,200 operations/h, rated load)
Minimum load
2 A at 24 VDC
1 mA at 5 VDC
Ambient operating temperature
-25 to 60
°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 330 g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com