Electronic Components Datasheet Search
  English  ▼

X  

G7Z Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC G7Z Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
334
Power Relays
G7Z
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Relay (12 VDC, 24 VDC) with Auxiliary Contact Block
Note: The dimensions are typical values.
Auxiliary Contact Block
Note: The dimensions are typical values.
DIN Track Mounting Height
(when using the PFP-100N or PFP-50N mounting rail)
Note: The dimensions are typical values.
75.5
60
51.5
62
45
47
Four, M3.5
Two, M3.5
84
92
70.7
15
Eight, M5
39
±0.2
Two, M4
4 Poles
Mounting Hole Dimensions
13
47
30
32.2
24.2
15
11
15.7
M3.5 x 4
88.3
96.3
15
75.0
64.3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com