Electronic Components Datasheet Search
  English  ▼

X  

G7Z Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 4 Page - Omron Electronics LLC

  G7Z Datasheet HTML 1Page - Omron Electronics LLC G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
332
Power Relays
G7Z
■ Approved Standards
UL Recognized (File No. E41643) - - Ambient Temp = 40
°C
Note: Auxiliary contact ratings
CSA Certification by
EN Standard/TÜV Certification: EN 60947-4-1
(Certification No. R50079155)
Note: Auxiliary contact ratings
Model
Coil
ratings
Contact ratings
Number of
test
operations
G7Z
12, 24
VDC
NO
contact
40 A, 480 VAC, 60 Hz
(Resistive)
80,000
5 A, 120 VDC (Resistive)
100,000
22 A, 480 VAC, 60 Hz (Gen-
eral Use)
100,000
D300* (1-A current applied)
—
NC
contact
25 A, 480 VAC, 60 Hz
(Resistive)
5 A, 120 VDC (Resistive)
10 A, 480 VAC, 60 Hz
(General Use)
100,000
D300* (1-A current applied)
—
Model
Contact ratings
G73Z
NO contact
D300 (1-A current applied)
NC contact
Model
Coil ratings
Contact ratings
G7Z
12, 24 VDC
NO contact AC-1: 40 A, 440 V, 50/60 Hz
AC-3: 16 A, 440 V, 50/60 Hz
DC-1: 5 A, 110 V
*AC15: 0.5 A, 440 V, 50/60 Hz
*DC13: 0.5 A, 110 V
NC contact AC-1: 25 A, 440 V, 50/60 Hz
DC-1: 5 A, 110 V
*AC15: 0.5 A, 440 V, 50/60 Hz
*DC13: 0.5 A, 110 V
G73Z
—
NO contact AC15: 0.5 A, 440 V, 50/60 Hz
NC contact DC13: 0.5 A, 110 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com