Electronic Components Datasheet Search
  English  ▼

X  

G7Z Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 2 Page - Omron Electronics LLC

  G7Z Datasheet HTML 1Page - Omron Electronics LLC G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
330
Power Relays
G7Z
Ordering Information
■ Relay with Auxiliary Contact
Block
Relay with Auxiliary Contact Block (for
Screw Terminals)
■ Accessories (Order Separately)
Auxiliary Contact Block
Specifications
■ Ratings
Coil Ratings
Note: 1. Rated current and coil resistance were measured at a coil temperature of 23
°C with coil resistance of ±15%.
2. Operating characteristics were measured at a coil temperature of 23
°C.
3. The maximum allowable voltage is the maximum value of the fluctuation range for the Relay coil operating power supply and was mea-
sured at an ambient temperature of 23
°C.
There is, however, no continuous allowance.
Contact Ratings
Relay
Note: The ratings for the auxiliary contact block mounted on the G7Z
are the same as those for the G73Z auxiliary contact block.
Auxiliary Contact Block
Contact configuration
Rated
voltage
Model
Relay
Auxiliary contact block
4PST-NO
DPST-NO
12, 24 VDC G7Z-4A-20Z
SPST-NO/SPST-NC
12, 24 VDC G7Z-4A-11Z
DPST-NC
12, 24 VDC G7Z-4A-02Z
3PST-NO/
SPST-NC
DPST-NO
12, 24 VDC G7Z-3A1B-20Z
SPST-NO/SPST-NC
12, 24 VDC G7Z-3A1B-11Z
DPST-NC
12, 24 VDC G7Z-3A1B-02Z
DPST-NO/
DPST-NC
DPST-NO
12, 24 VDC G7Z-2A2B-20Z
SPST-NO/SPST-NC
12, 24 VDC G7Z-2A2B-11Z
DPST-NC
12, 24 VDC G7Z-2A2B-02Z
Contact
configuration
Model
DPST-NO
G73Z-20Z
SPST-NO/SPST-NC
G73Z-11Z
DPST-NC
G73Z-02Z
Rated voltage
Item Rated current
Coil
resistance
Must operate
voltage
Must release
voltage
Maximum voltage
Power
consumption
Percentage of rated voltage
12 VDC
333 mA
39
Ω
75% max.
10% min.
110%
Approx. 3.7 W
24 VDC
154 mA
156
Ω
Model
G7Z-4A-
@Z, G7Z-3A1B-@Z,
G7Z-2A2B-
@Z
Item
Load Resistive
load
Inductive load
cos
φ = 0.3
Resistive load
L/R = 1 ms
Contact structure
Double break
Contact material
AgSnIn
Rated load
NO
40 A at
440 VAC
22 A at
440 VAC
5 A at
110 VDC
NC
25 A at
440 VAC
10 A at
440 VAC
5 A at
110 VDC
Rated carry
current
NO
40 A
22 A
5 A
NC
25 A
10 A
5 A
Maximum contact voltage 480 VAC
125 VDC
Maximum contact
current
NO
40 A
NC
25 A
Maximum
switching capacity
NO
17,600 VA 9,680 VA
550 W
NC
11,000 VA 4,400 VA
550 W
Minimum load
2 A at 24 VDC
Model
G73Z-20Z, G73Z-11Z, G73Z-02Z
Item
Load Resistive
load
Inductive
load cos
φ =
0.3
Resistive
load L/R =
1 ms
Contact structure
Double break
Contact material
AgSnIn + Ag Rotary
Rated load
1 A at
440 VAC
0.5 A at
440 VAC
5 A at
110 VDC
Rated carry current
1 A
Maximum contact voltage
480 VAC
125 VDC
Maximum contact current
1 A
Maximum switching capacity 440 VA
220 VA
110 W
Minimum load
1 mA at 5 VDC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com