Electronic Components Datasheet Search
  English  ▼

X  

G7Z Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G7Z
Description  Power Relays
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7Z Datasheet(HTML) 1 Page - Omron Electronics LLC

  G7Z Datasheet HTML 1Page - Omron Electronics LLC G7Z Datasheet HTML 2Page - Omron Electronics LLC G7Z Datasheet HTML 3Page - Omron Electronics LLC G7Z Datasheet HTML 4Page - Omron Electronics LLC G7Z Datasheet HTML 5Page - Omron Electronics LLC G7Z Datasheet HTML 6Page - Omron Electronics LLC G7Z Datasheet HTML 7Page - Omron Electronics LLC G7Z Datasheet HTML 8Page - Omron Electronics LLC G7Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Power Relays
G7Z
329
Power Relays
G7Z
Multi-pole Power Relay for Carrying and Switching
Contactor Current Range of 40 A at 440 VAC
• 40 A can be carried and switched on each of 4 poles.
• Possible to reach a maximum load capacity of 160 A when
using 4-pole parallel connections.
• EN 60947-4-1 certification for mirror contact mechanisms
has been obtained by using a combination of the relay and
auxiliary contact blocks.
• Typical applications: high current or high inrush power
supplies, commercial and industrial.
• RoHS compliant.
Model Number Structure
■ Model Number Legend
Relay with Auxiliary Contact Block
1. Relay Contact Configuration
4A: 4PST-NO
3A1B: 3PST-NO/SPST-NC
2A2B: DPST-NO/DPST-NC
2. Contact Configuration of Auxiliary Contacts
20: DPST-NO
11: SPST-NO/SPST-NC
02: DPST-NC
3. Contact Mechanism of Auxiliary Contacts
Z: Bifurcated crossbar contact
Auxiliary Contact Block
1. Contact Configuration of Auxiliary Contacts
20: DPST-NO
11: SPST-NO/SPST-NC
02: DPST-NC
2. Contact Mechanism of Auxiliary Contacts
Z: Bifurcated crossbar contact
■ Configuration
Note: 1. Relay contact terminals are M5, and the coil terminals are M3.5.
2. Auxiliary contact block terminals are M3.5.
G7Z-
@ - @ @
12 3
G73Z-
@ @
12
Classification
Structure
Contact configuration
Screw terminals
(See notes 1 and 2)
Relay
Auxiliary Contact
Block
Relay with Auxiliary Contact Block 4 poles +
2 poles
4PST-NO
DPST-NO
G7Z-4A-20Z
SPST-NO/SPST-NC
G7Z-4A-11Z
DPST-NC
G7Z-4A-02Z
3PST-NO/SPST-NC
DPST-NO
G7Z-3A1B-20Z
SPST-NO/SPST-NC
G7Z-3A1B-11Z
DPST-NC
G7Z-3A1B-02Z
DPST-NO/DPST-NC
DPST-NO
G7Z-2A2B-20Z
SPST-NO/SPST-NC
G7Z-2A2B-11Z
DPST-NC
G7Z-2A2B-02Z
Auxiliary Contact Block
2 poles
—
DPST-NO
G73Z-20Z
SPST-NO/SPST-NC
G73Z-11Z
DPST-NC
G73Z-02Z


Similar Part No. - G7Z

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7Z OMRON-G7Z Datasheet
1Mb / 9P
Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B OMRON-G7Z-2A2B Datasheet
1Mb / 9P
Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B-02Z OMRON-G7Z-2A2B-02Z Datasheet
1Mb / 9P
Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B-11Z OMRON-G7Z-2A2B-11Z Datasheet
1Mb / 9P
Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
G7Z-2A2B-20Z OMRON-G7Z-2A2B-20Z Datasheet
1Mb / 9P
Multi-pole Power Relay for Contactor Current Range Capable of Carrying and Switching 40 A at 440 VAC
More results

Similar Description - G7Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
HM4100F ETC1-HM4100F Datasheet
86Kb / 2P
Subminiature power relays
HRS4E ETC2-HRS4E_1 Datasheet
174Kb / 4P
PCB Power Relays
HRS4 ETC2-HRS4 Datasheet
168Kb / 4P
PCB Power Relays
HRM-SDC5V ETC2-HRM-SDC5V Datasheet
283Kb / 5P
PCB Power Relays
logo
Panasonic Semiconductor
JC2AF-DC24V PANASONIC-JC2AF-DC24V Datasheet
168Kb / 5P
COMPACT POWER RELAYS
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
General Purpose Relays Power Relays
logo
Omron Electronics LLC
G6QE OMRON-G6QE Datasheet
180Kb / 4P
PCB Power Relays
0219/0718
G9KA OMRON-G9KA Datasheet
225Kb / 5P
PCB Power Relays
0722/0221
G9KB OMRON-G9KB Datasheet
225Kb / 5P
PCB Power Relays
0222
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com