Electronic Components Datasheet Search
  English  ▼

X  

HT45R37 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 100 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
IOH1
I/O Port Source Current
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOL2
PC0 Sink Current
3V
VOL=0.1VDD
0.8
1.5
¾
mA
5V
2
4
¾
mA
RPH
Pull-high Resistance for I/O
Ports
3V
¾
20
60
100
k
W
5V
10
30
50
k
W
VAD
A/D Input Voltage
¾¾
0
¾
AVDD
V
VREF
A/D Input Reference Voltage
Range
¾¾
¾
AVDD
¾
V
DNL
A/C Differential Non-Linearity
¾
AVDD=5V, VREF=AVDD,
tAD=0.5
ms
-2
¾
2
LSB
INL
ADC Integral Non-Linearity
¾
AVDD=5V, VREF=AVDD,
tAD=0.5
ms
-4
¾
4
LSB
IADC
Additional Power Consumption
if A/D Converter is Used
3V
¾
¾
0.5
1
mA
5V
¾
1.5
3
mA
Note:
1. 32768Hz is in slow start mode (RTCC.4=1) for the D.C. current measurement.
2. fS is the internal clock for Buzzer, RTC, Time base and WDT.
3. Both Timer/Event Counters are off. Timer filter is disabled for all test conditions.
4. All peripherals are in OFF condition if not mentioned at IDD,ISTB tests.
HT45R37
Rev. 1.10
6
January 29, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com