Electronic Components Datasheet Search
  English  ▼

X  

HT45R37 Datasheet(PDF) 65 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 65 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 68Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 69Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 100 page
background image
HT45R37
Rev. 1.10
65
January 29, 2010
N o r m a l M o d e
w a
k e -
u p
H A
L T
& "
I D L
E N
" =
0
H A L
T &
" I D L
E N "
= 1
w a k
e - u p
w a
k e -
u p
H A
L T
& "
I D L
E N
" =
1
H A L
T &
" I D L
E N "
= 0
w a k
e - u p
" * " D e p e n d s t h e W D T e n a b l e / d i s a b l e c o n d i t i o n .
i f W D T i s e n a b l e d , f S U B = 3 2 K _ I N T , t h e n 3 2 K _ I N T O n
" # " E i t h e r t h e 3 2 7 6 8 H z o r 3 2 K _ I N T m u s t b e O N .
I f f S U B = 3 2 K _ I N T , t h e n 3 2 K _ I N T i s O N .
f M O n ,
3 2 7 6 8 H z o r 3 2 K _ I N T O n ,
f S Y S = f M
S l e e p M o d e
f M O f f ,
3 2 7 6 8 H z o r 3 2 K _ I N T O n * ,
f S Y S = O f f
I d l e M o d e
f M O f f ,
3 2 7 6 8 H z o r 3 2 K _ I N T O n ,
f S Y S = O f f
S l o w M o d e
f M O n / O f f ,
3 2 7 6 8 H z o r 3 2 K _ I N T O n ,
f S Y S = f M / 2 ~ f M / 6 4
o r 3 2 7 6 8 H z o r 3 2 K _ I N T
#
Dual Clock Mode Operation
M U X
f S L O W
H L C L K B i t
f S Y S
f M
M U X
3 2 7 6 8 H z
f S L
S l o w
C l o c k
C o n t r o l
E x t e r n a l
3 2 7 6 8 H z
C r y s t a l
3 2 K _ I N T
f M / 2 , . . . f M / 6 4 , f S L
M U X
M U X
f S
f S Y S / 4
f S U B
f S
C o n f i g u r a t i o n O p t i o n
R T C i n t e r r u p t ,
T i m e B a s e i n t e r r u p t ,
B u z z e r , W D T
I n t e r n a l
3 2 K _ I N T
L o w O s c i l l a t o r
O S C 3
O S C 4
E x t e r n a l
R C
E x t e r n a l
X T A L
M U X
f M
H i g h F r e q u e n c y O s c i l l a t o r
C o n f i g u r a t i o n O p t i o n
H i g h O s c i l l a t o r
O S C 1
O S C 1
O S C 2
E x t e r n a l
C l o c k
O S C 1
f S L a n d f S U B
C o n f i g u r a t i o n
O p t i o n
I n t e r n a l
R C
S L O W C 0
S L O W C 1
S L O W C 2
Dual Clock Mode Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com