Electronic Components Datasheet Search
  English  ▼

X  

HT45R37 Datasheet(PDF) 64 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 64 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 60Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 61Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 62Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 63Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 64Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 65Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 66Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 67Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 68Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 100 page
background image
HT45R37
Rev. 1.10
64
January 29, 2010
gether with fSYS/4, it is used as a clock source for certain
internal functions such as the Watchdog Timer, Buzzer,
RTC Interrupt and Time Base Interrupt. The internal
clock fS, is simply a choice of either fSUB or fSYS/4, using a
configuration option.
Operating Modes
After the correct clock source configuration selections
are made, overall operation of the chosen clock is
achieved using the CLKMOD register. A combination of
the HLCLK and IDLEN bits in the CLKMOD register and
use of the HALT instruction determine in which mode the
device will be run. The devices can operate in the follow-
ing Modes.
· Normal mode
fM on, fSLOW on, fSYS=fM, CPU on, fS on, fWDT on/off de-
pending upon the WDT configuration option and WDT
control register.
· Slow mode0
fM off, fSLOW=32K_INT oscillator or the 32768Hz oscil-
lator, fSYS=fSLOW, CPU on, fS on, fWDT on/off depending
upon the WDT configuration option and WDT control
register.
· Slow mode1
fM on, fSLOW=fM/2~fM/64, fSYS=fSLOW, CPU on, fS on, fWDT
on/off depending upon the WDT configuration option
and WDT control register.
· Idle mode
fM,fSLOW,fSYS off, CPU off; fSUB on, fS on/off by selecting
fSUB or fSYS/4, fWDT on/off depending upon the WDT
configuration option and WDT control register.
· Sleep mode
fM,fSLOW,fSYS,fS, CPU off; fSUB,fWDT on/off depending
upon the WDT configuration option and WDT control
register.
Switching Between Modes
The device switches between the different operating
modes using a combination of the HALT instruction and
the IDLEN bit in the CLKMOD register. Switching to one
of the lower power modes enables the normal operating
current to be reduced to a lower operating level or to a
very low standby current level, a feature which is very
important in low power battery applications.
C L K M O D R e g i s t e r
f S Y S s e l e c t
1 : f M
0 : f S L O W
I d l e m o d e
1 : e n a b l e
0 : d i s a b l e
H i g h o s c i l l a t o r r e a d y f l a g
1 : t i m e - o u t
0 : n o n - t i m e - o u t
L o w o s c i l l a t o r r e a d y f l a g
1 : t i m e - o u t
0 : n o n - t i m e - o u t
S P I / I C c o n t i n u e s r u n n i n g i n I d l e m o d e
1 : e n a b l e
0 : d i s a b l e
f S L O W s e l e c t i o n
b 0
I D L E N
H L C L K
H T O
L T O
b 7
S L O W C 0
S L O W C 1
S L O W C 2
f S L O W
f S L
f S L
f M / 6 4
f M / 3 2
f M / 1 6
f M / 8
f M / 4
f M / 2
S L O W W C 2
0
0
0
0
1
1
1
1
S L O W W C 1
0
0
1
1
0
0
1
1
S L O W W C 0
0
1
0
1
0
1
0
1
S I M I D L E
2
Clock Control Register
- CLKMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com