Electronic Components Datasheet Search
  English  ▼

X  

HT45R37 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT45R37
Description  TinyPower C/R-F Type 8-Bit OTP MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R37 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT45R37 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45R37 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
HT45R37
Rev. 1.10
10
January 29, 2010
Program Counter
During program execution, the Program Counter is used
to keep track of the address of the next instruction to be
executed. It is automatically incremented by one each
time an instruction is executed except for instructions,
such as
²JMP² or ²CALL² that demand a jump to a
non-consecutive Program Memory address. It must be
noted that only the lower 8 bits, known as the Program
Counter Low Register, are directly addressable.
When executing instructions requiring jumps to
non-consecutive addresses such as a jump instruction,
a subroutine call, interrupt or reset, etc., the
microcontroller manages program control by loading the
required address into the Program Counter. For condi-
tional skip instructions, once the condition has been
met, the next instruction, which has already been
fetched during the present instruction execution, is dis-
carded and a dummy cycle takes its place while the cor-
rect instruction is obtained.
The lower byte of the Program Counter, known as the
Program Counter Low register or PCL, is available for
program control and is a readable and writable register.
By transferring data directly into this register, a short pro-
gram jump can be executed directly, however, as only
this low byte is available for manipulation, the jumps are
limited to the present page of memory, that is 256 loca-
tions. When such program jumps are executed it should
also be noted that a dummy cycle will be inserted.
The lower byte of the Program Counter is fully accessi-
ble under program control. Manipulating the PCL might
cause program branching, so an extra cycle is needed
to pre-fetch. Further information on the PCL register can
be found in the Special Function Register section.
Mode
Program Counter Bits
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
Initial Reset
000000000000
External Interrupt 0
000000000100
External Interrupt 1
000000001000
Timer/Event Counter 0 Overflow
000000001100
Timer/Event Counter 1 Overflow
000000010000
SPI/I
2C Interrupt
000000010100
C/R to F Converter Interrupt
000000010100
Time Base Interrupt
000000011000
RTC Interrupt
000000011000
A/D Converter Interrupt
000000011000
External Peripheral Interrupt
000000011000
Skip
Program Counter + 2
Loading PCL
PC11 PC10 PC9
PC8
@7
@6
@5
@4
@3
@2
@1
@0
Jump, Call Branch
#11
#10
#9
#8
#7
#6
#5
#4
#3
#2
#1
#0
Return from Subroutine
S11
S10
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
Program Counter
Note:
PC11~PC8: Current Program Counter bits
@7~@0: PCL bits
#11~#0: Instruction code address bits
S11~S0: Stack register bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com