Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 5 Page - Texas Instruments

  TPS62060 Datasheet HTML 1Page - Texas Instruments TPS62060 Datasheet HTML 2Page - Texas Instruments TPS62060 Datasheet HTML 3Page - Texas Instruments TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Zero-Pole
AMP.
Integrator
Error Amp.
PFMComparator
PWM
Comp.
VREF
Control
Stage
GateDriver
Anti
Shoot-Through
Current
LimitComparator
Current
LimitComparator
VREF
FB
SW1
EN
AVIN
Softstart
VOUT RAMP
CONTROL
Thermal
Shutdown
Reference
0.6VVREF
Undervoltage
Lockout1.8V
Limit
HighSide
Limit
LowSide
Sawtooth
Generator
FB
AGND
Internal
FB
Network*
PVIN
PGND
3MHz
Clock
R
Discharge
VREF
FB
PG
MODE/
PGComparator*
MODE*
PG
L:LQH44PN1R0NP0,L =1.0 H,Murata,
NRG4026T1R2,L =
Taiyo Yuden
C /C
:GRM188R60J106U,Murata0603size
1.2 H,
IN
OUT
m
m
L
1.0 H/1.2 H
µ
µ
V
=2.7Vto6V
IN
PVIN
AVIN
EN
MODE/PG
AGND
PGND
SW
FB
R
1
R
2
C
22pF
ff
C
10 F
OUT
µ
V
upto1.6 A
OUT
C
10 F
IN
µ
TPS62060
TPS62060
www.ti.com
SLVSA95 – MARCH 2010
FUNCTIONAL BLOCK DIAGRAM
* Function depends on device option
Vertical spacer
Vertical spacer
PARAMETER MEASUREMENT INFORMATION
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS62060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com