Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62060 Datasheet HTML 1Page - Texas Instruments TPS62060 Datasheet HTML 2Page - Texas Instruments TPS62060 Datasheet HTML 3Page - Texas Instruments TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
TPS62060
www.ti.com
SLVSA95 – MARCH 2010
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
AVIN ,
Supply voltage
2.7
6
V
PVIN
Output current capability
1600
mA
Output voltage range for adjustable voltage
0.8
VIN
V
L
Effective Inductance Range
0.7
1.0
1.6
µH
COUT
Effective Output Capacitance Range
4.5
10
22
µF
TA
Operating ambient temperature(1)
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
(1)
In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may
have to be derated. Maximum ambient temperature (TA(max)) is dependent on the maximum operating junction temperature (TJ(max)), the
maximum power dissipation of the device in the application (PD(max)), and the junction-to-ambient thermal resistance of the
part/package in the application (qJA), as given by the following equation: TA(max)= TJ(max)–(qJA X PD(max))
ELECTRICAL CHARACTERISTICS
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 10mF 0603, COUT = 10mF 0603, L = 1.0mH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.7
6
V
IOUT = 0 mA, device operating in PFM mode
IQ
Operating quiescent current
18
25
mA
and not device not switching
ISD
Shutdown current
EN = GND, current into AVIN and PVIN
0.1
1
mA
Falling
1.73
1.78
1.83
VUVLO
Undervoltage lockout threshold
V
Rising
1.9
1.95
1.99
ENABLE, MODE
VIH
High level input voltage
2.7 V
≤ VIN ≤ 6 V
1.0
6
V
VIL
Low level input voltage
2.7 V
≤ VIN ≤ 6 V
0
0.4
V
IIN
Input bias current
Pin tied to GND or VIN
0.01
1
mA
POWER SWITCH
VIN = 3.6 V
(1)
120
180
RDS(on)
High-side MOSFET on-resistance
m
Ω
VIN = 5.0 V
(1)
95
150
VIN = 3.6 V
(1)
90
130
RDS(on)
Low-side MOSFET on-resistance
m
Ω
VIN = 5.0 V
(1)
75
100
Forward current limit MOSFET
ILIMF
2.7V
≤ VIN ≤ 6 V
1800
2250
2700
mA
high-side and low-side
Thermal shutdown
Increasing junction temperature
150
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
10
OSCILLATOR
fSW
Oscillator frequency
2.7 V
≤ VIN ≤ 6 V
2.6
3
3.4
MHz
(1)
Maximum value applies for TJ = 85°C
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPS62060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com