Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 12Page - Texas Instruments TPS62060 Datasheet HTML 13Page - Texas Instruments TPS62060 Datasheet HTML 14Page - Texas Instruments TPS62060 Datasheet HTML 15Page - Texas Instruments TPS62060 Datasheet HTML 16Page - Texas Instruments TPS62060 Datasheet HTML 17Page - Texas Instruments TPS62060 Datasheet HTML 18Page - Texas Instruments TPS62060 Datasheet HTML 19Page - Texas Instruments TPS62060 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
I
Lmax + Ioutmax )
DIL
2
I
RMSCout + Vout
1 *
Vout
Vin
L
ƒ
1
2
3
TPS62060
SLVSA95 – MARCH 2010
www.ti.com
(2)
With:
f = Switching Frequency (3MHz typical)
L = Inductor Value
ΔIL = Peak-to-Peak inductor ripple current
ILmax = Maximum inductor current
Ioutmax = Maximum output current
A more conservative approach is to select the inductor current rating just for the switch current of the converter.
Accepting larger values of ripple current allows the use of lower inductance values, but results in higher output
voltage ripple, greater core losses, and lower output current capability.
The total losses of the coil have a strong impact on the efficiency of the DC/DC conversion and consist of both
the losses in the dc resistance R(DC) and the following frequency-dependent components:
•
The losses in the core material (magnetic hysteresis loss, especially at high switching frequencies)
•
Additional losses in the conductor from the skin effect (current displacement at high frequencies)
•
Magnetic field losses of the neighboring windings (proximity effect)
•
Radiation losses
Table 2. List of Inductors
DIMENSIONS [mm3]
INDUCTANCE mH
INDUCTOR TYPE
SUPPLIER
3.2 x 2.5 x 1.2 max
1.0
MIPSAZ3225D
FDK
3.2 x 2.5 x 1.0 max
1.0
LQM32PN (MLCC)
Murata
3.7 x 4 x 1.8 max
1.0
LQH44 (wire wound)
Murata
4.0 x 4.0 x 2.6 max
1.2
NRG4026T (wire wound)
Taiyo Yuden
3.5 x 3.7 x 1.8 max
1.2
DE3518 (wire wound)
TOKO
Output Capacitor Selection
The advanced fast-response voltage mode control scheme of the TPS62060 allows the use of tiny ceramic
capacitors. Ceramic capacitors with low ESR values have the lowest output voltage ripple and are
recommended. The output capacitor requires either an X7R or X5R dielectric. Y5V and Z5U dielectric capacitors,
aside from their wide variation in capacitance over temperature, become resistive at high frequencies and may
not be used. For most applications a nominal 10µF or 22µF capacitor is suitable. At small ceramic capacitors, the
DC-bias effect decreases the effective capacitance. Therefore a 22µF capacitor can be used for output voltages
higher than 2V, see list of capacitors.
In case additional ceramic capacitors in the supplied system are connected to the output of the DC/DC converter,
the output capacitor COUT need to be decreased in order not to exceed the recommended effective capacitance
range. In this case a loop stability analysis must be performed as described later.
At nominal load current, the device operates in PWM mode and the RMS ripple current is calculated as:
(3)
Input Capacitor Selection
Because of the nature of the buck converter having a pulsating input current, a low ESR input capacitor is
required for best input voltage filtering and minimizing the interference with other circuits caused by high input
voltage spikes. For most applications a 10µF ceramic capacitor is recommended. The input capacitor can be
increased without any limit for better input voltage filtering.
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com