Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS62060 Datasheet HTML 13Page - Texas Instruments TPS62060 Datasheet HTML 14Page - Texas Instruments TPS62060 Datasheet HTML 15Page - Texas Instruments TPS62060 Datasheet HTML 16Page - Texas Instruments TPS62060 Datasheet HTML 17Page - Texas Instruments TPS62060 Datasheet HTML 18Page - Texas Instruments TPS62060 Datasheet HTML 19Page - Texas Instruments TPS62060 Datasheet HTML 20Page - Texas Instruments TPS62060 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
V
IN
V
OUT
GND
L
C
IN
C
OUT
R1
R2
C
FF
7.19 mm
5.08 mm
3.81 mm
2.54 mm
TPS62060
SLVSA95 – MARCH 2010
www.ti.com
LAYOUT CONSIDERATIONS
vertical spacer
vertical spacer
Figure 24. PCB Layout
As for all switching power supplies, the layout is an important step in the design. Proper function of the device
demands careful attention to PCB layout. Care must be taken in board layout to get the specified performance. If
the layout is not carefully done, the regulator could show poor line and/or load regulation, stability issues as well
as EMI and thermal problems. It is critical to provide a low inductance, impedance ground path. Therefore, use
wide and short traces for the main current paths. The input capacitor should be placed as close as possible to
the IC pins as well as the inductor and output capacitor.
Connect the AGND and PGND Pins of the device to the PowerPAD™ land of the PCB and use this pad as a star
point. Use a common Power PGND node and a different node for the Signal AGND to minimize the effects of
ground noise. The FB divider network should be connected right to the output capacitor and the FB line must be
routed away from noisy components and traces (e.g., SW line).
Due to the small package of this converter and the overall small solution size the thermal performance of the
PCB layout is important. To get a good thermal performance a four or more Layer PCB design is recommended.
The PowerPAD of the IC must be soldered on the power pad area on the PCB to get a proper thermal
connection. For good thermal performance the PowerPAD on the PCB needs to be connected to an inner GND
plane with sufficient via connections. Please refer to the documentation of the evaluation kit.
18
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com