Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 1 Page - Texas Instruments

  TPS62060 Datasheet HTML 1Page - Texas Instruments TPS62060 Datasheet HTML 2Page - Texas Instruments TPS62060 Datasheet HTML 3Page - Texas Instruments TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
V
= 2.7 V to 6 V
IN
C
22 pF
ff
C
10
IN
mF
L
1.0 H
m
R
180 k
2
W
R
360 k
1
W
PVIN
PGND
EN
FB
TPS62060
SW
AVIN
AGND
V
1.8 V 1.6 A
OUT
TYPICAL APPLICATION CIRCUIT
C
10 F
OUT
m
50
55
60
65
70
75
80
85
90
95
100
V
= 4.2 V
IN
V
= 5 V
IN
V
= 3.7 V
IN
L = 1.2 H (NRG4026T 1R2),
C
= 22 F (0603 size),
V
= 3.3 V,
Mode: Auto PFM/PWM
m
m
OUT
OUT
0
0.6
1
1.2
1.4
1.6
I - Load Current - A
L
0.2
0.4
0.8
TPS62060
www.ti.com
SLVSA95 – MARCH 2010
3-MHz 1.6A Step Down Converter in 2x2 SON Package
Check for Samples: TPS62060
1
FEATURES
DESCRIPTION
2
•
3 MHz Switching Frequency
•
VIN Range from 2.7V to 6V
The TPS62060 is a highly efficient synchronous
step-down DC-DC converter and provides up to 1.6A
•
1.6A Output Current
output current.
•
Up to 97% Efficiency
With an input voltage range of 2.7V to 6V the device
•
Power Save Mode / 3 MHz Fixed-PWM Mode
is a perfect fit for power conversion from a single
•
Output Voltage Accuracy in PWM Mode ±1.5%
Li-Ion battery as well from 5V or 3.3V system supply
•
Output Discharge Function
rails.
The
TPS62060
operates
at
3-MHz
fixed
frequency and enters Power Save Mode operation at
•
Typical 18 µA Quiescent Current
light load currents to maintain high efficiency over the
•
100% Duty Cycle for Lowest Dropout
entire load current range. The Power Save Mode is
•
Voltage Positioning
optimized for low output voltage ripple. For low noise
applications, the device can be forced into fixed
•
Clock Dithering
frequency PWM mode by pulling the MODE pin high.
•
Supports Maximum 1mm Height Solutions
In the shutdown mode, the current consumption is
•
Available in a 2x2x0.75mm SON
reduced to less than 1µA and an internal circuit
discharges the output capacitor.
APPLICATIONS
TPS62060 is optimized for operation with a tiny
•
POL
1.0µH inductor and a small 10µF output capacitor to
•
Notebooks, Pocket PCs
achieve smallest solution size and high regulation
•
Portable Media Players
performance.
•
DSP Supply
The TPS62060 is available in a small 2x2x0.75mm
8-pin SON package.
vertical spacer
vertical spacer
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62060 TI1-TPS62060 Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62060 TI2-TPS62060 Datasheet
2Mb / 27P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm × 2-mm WSON Package
REVISED JULY 2015
TPS62060DSGR TI1-TPS62060DSGR Datasheet
1Mb / 26P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm 2-mm WSON Package
TPS62060DSGR TI2-TPS62060DSGR Datasheet
2Mb / 27P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm × 2-mm WSON Package
REVISED JULY 2015
TPS62060DSGR.A TI2-TPS62060DSGR.A Datasheet
2Mb / 27P
TPS6206x 3-MHz, 1.6-A, Step Down Converter in 2-mm × 2-mm WSON Package
REVISED JULY 2015
More results

Similar Description - TPS62060

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62230 TI-TPS62230 Datasheet
1Mb / 28P
3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62065 TI-TPS62065 Datasheet
1Mb / 25P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62230 TI-TPS62230_10 Datasheet
1Mb / 32P
2 MHz / 3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TPS62065_1005 TI-TPS62065_1005 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI1-TLV62065 Datasheet
1,022Kb / 24P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065 TI-TLV62065 Datasheet
1Mb / 26P
3-MHz 2A Step Down Converter in 2x2 SON Package
TPS62231-Q1 TI1-TPS62231-Q1 Datasheet
1Mb / 32P
3 MHz Ultra Small Step Down Converter in 1x1.5 SON Package
TLV62065DSGT TI-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
TLV62065DSGT TI1-TLV62065DSGT Datasheet
1Mb / 27P
3-MHz 2A Step Down Converter in 2x2 SON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com