Electronic Components Datasheet Search
  English  ▼

X  

TPS62060 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62060
Description  3-MHz 1.6A Step Down Converter in 2x2 SON Package
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62060 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62060 Datasheet HTML 1Page - Texas Instruments TPS62060 Datasheet HTML 2Page - Texas Instruments TPS62060 Datasheet HTML 3Page - Texas Instruments TPS62060 Datasheet HTML 4Page - Texas Instruments TPS62060 Datasheet HTML 5Page - Texas Instruments TPS62060 Datasheet HTML 6Page - Texas Instruments TPS62060 Datasheet HTML 7Page - Texas Instruments TPS62060 Datasheet HTML 8Page - Texas Instruments TPS62060 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TPS62060
SLVSA95 – MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
FUNCTION
MAXIMUM
PART
OUTPUT
PACKAGE
PACKAGE
TA
OUTPUT
ORDERING
MODE
Power Good
NUMBER(2)
VOLTAGE(3)
DESIGNATOR
MARKING
CURRENT
PG
TPS62060
Adjustable
Selectable
No
1.6 A
DSG
TPS62060DSG
OFA
–40°C to
85°C
TPS6206x(3)
Adjustable
no
yes
1.6A
DSG
-
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The DSG (SON-8) packages is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel.
(3)
Contact TI for fixed output voltage options / Power Good output options
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Voltage Range (2)
AVIN, PVIN
–0.3
7
EN, MODE, FB
–0.3
VIN +0.3 < 7
V
SW
–0.3
7
Current (source)
Peak output
Internally limited
A
Electrostatic Discharge (HBM) QSS 009-105 (JESD22-A114A)(3)
2
kV
Electrostatic Discharge (CDM) QSS 009-147 (JESD22-C101B.01)
1
Electrostatic Discharge (Machine model)
200
V
TJ
–40
125
°C
Temperature
Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
DISSIPATION RATINGS
(1) (2)
POWER RATING
DERATING FACTOR
PACKAGE
RqJA
TA = ≤ 25°C
ABOVE TA = 25°C
DSG
75°C/W
1300 mW
13 mW/°C
(1)
Maximum power dissipation is a function of TJ(max), qJA and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/ qJA.
(2)
This thermal data measured with high-K board (4 layers according to JESD51-7 JEDEC Standard.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS62060



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com