Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 5 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 5 Page - Suntan Capacitors

  TSV Datasheet HTML 1Page - Suntan Capacitors TSV Datasheet HTML 2Page - Suntan Capacitors TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 10D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV10D112K
680
895
133.0
95.0
1120(1008-1232)
1815
90
TSV10D102K
625
825
133.0
95.0
1000(900-1100)
1650
100
TSV10D911K
550
745
133.0
95.0
910(819-1001)
1500
110
TSV10D821K
510
670
124.6
89.0
820(738-902)
1355
120
TSV10D781K
485
640
124.6
89.0
780(702-858)
1290
130
TSV10D751K
460
615
124.6
89.0
750(675-825)
1240
130
TSV10D681K
420
560
102.2
73.0
680(612-748)
1120
150
TSV10D621K
385
505
102.2
73.0
620(558-682)
1025
160
TSV10D561K
350
460
99.4
71.0
560(504-616)
920
180
TSV10D511K
320
415
99.4
71.0
510(459-561)
845
200
TSV10D471K
300
385
99.4
71.0
470(423-517)
775
210
TSV10D431K
275
350
88.2
63.0
430(387-473)
710
230
TSV10D391K
250
320
81.2
58.0
390(351-429)
650
260
TSV10D361K
230
300
74.2
53.0
360(324-396)
595
280
TSV10D331K
210
275
68.6
49.0
330(297-363)
550
300
TSV10D301K
190
250
63.0
45.0
300(270-330)
500
330
TSV10D271K
175
225
57.4
41.0
270(243-297)
455
370
TSV10D241K
150
200
50.4
36.0
240(216-264)
395
420
TSV10D221K
140
180
46.2
33.0
220(198-242)
360
450
TSV10D201K
130
170
42.0
30.0
2500
1250
0.4
200(185-225)
340
500
TSV10D181K
115
150
30.8
22.0
180(162-198)
300
560
TSV10D151K
95
125
25.2
18.0
150(135-165)
250
670
TSV10D121K
75
100
21.0
15.0
120(108-132)
200
830
TSV10D101K
60
85
18.2
13.0
100(90-110)
165
1000
TSV10D820K
50
65
16.8
12.0
82(74-90)
135
1200
TSV10D680K
40
56
15.4
11.0
68(61-75)
#135
1500
TSV10D560K
35
45
12.9
9.2
56(50-62)
#110
1800
TSV10D470K
30
38
10.8
7.7
47(42-52)
#93
2100
TSV10D390K
25
31
9.1
6.5
39(35-43)
#77
2600
TSV10D330K
20
26
7.4
5.3
33(30-36)
#65
3000
TSV10D270K
17
22
6.0
4.3
27(24-30)
#53
3700
TSV10D220K
14
18
4.5
3.2
22(18.7-26)
#43
4500
TSV10D180L
11
14
2.8
2.0
500
250
0.05
18(14.4-21.6)
#36
5600
#680K—180L Max. Clamping Voltage testing current 5A.
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
180LD10
|
680KD10
4.6
|
5.3
14
17
0.8
7.5
20
820KD10
|
471KD10
4.5
|
6.5
14
17
0.8
7.5
20
511KD10
|
112KD10
6.5
|
9.7
14
19
0.8
7.5
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com