Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 6 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 6 Page - Suntan Capacitors

Back Button TSV Datasheet HTML 2Page - Suntan Capacitors TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors TSV Datasheet HTML 10Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 14D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV14D182K
1000
1465
336.0
240.0
1800
2970
110
TSV14D152K
750
1300
266.0
190.0
1500
2475
130
TSV14D112K
680
895
217.0
155.0
1100
1815
180
TSV14D102K
625
825
217.0
155.0
1000
1650
200
TSV14D911K
550
745
217.0
155.0
910
1500
220
TSV14D821K
510
670
203.0
145.0
820
1355
240
TSV14D781K
485
640
203.0
145.0
780
1290
260
TSV14D751K
460
615
203.0
145.0
750
1240
270
TSV14D681K
420
560
168.0
120.0
680
1120
290
TSV14D621K
385
505
168.0
120.0
620
1025
320
TSV14D561K
350
460
149.8
107.0
560
920
360
TSV14D511K
320
415
149.8
107.0
510
845
390
TSV14D471K
300
385
149.8
107.0
470
775
430
TSV14D431K
275
350
145.6
104.0
430
710
460
TSV14D391K
250
320
134.4
96.0
390
650
510
TSV14D361K
230
300
123.2
88.0
360
595
560
TSV14D331K
210
275
112.0
80.0
330
550
610
TSV14D301K
190
250
103.6
74.0
300
500
670
TSV14D271K
175
225
93.8
67.0
270
455
740
TSV14D241K
150
200
82.6
59.0
240
395
830
TSV14D221K
140
180
79.8
57.0
220
360
900
TSV14D201K
130
170
79.8
57.0
200
340
1000
TSV14D181K
115
150
58.8
42.0
180
300
1100
TSV14D151K
95
125
51.8
37.0
150
250
1300
TSV14D121K
75
100
40.6
29.0
120
200
1700
TSV14D101K
60
85
33.6
24.0
100
165
2000
TSV14D820K
50
65
29.4
21.0
4500
2500
0.6
82
135
2400
TSV14D680K
40
56
23.8
17.0
68
#135
2900
TSV14D560K
35
45
19.6
14.0
56
#110
3600
TSV14D470K
30
38
16.8
12.0
47
#93
4300
TSV14D390K
25
31
13.2
9.4
39
#77
5100
TSV14D330K
20
26
12.3
8.8
33
#65
6100
TSV14D270K
17
22
9.7
6.9
27
#53
7400
TSV14D220K
14
18
7.6
5.4
22
#43
9100
TSV14D180L
11
14
6.6
4.7
1000
500
0.1
18
#36
11100
#680K—180L Max. Clamping Voltage testing current 5A.
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
180LD14
|
680KD14
4.6
|
5.3
17
20
0.8
7.5
20
820KD14
|
471KD14
4.5
|
6.5
17
20
0.8
7.5
20
511KD14
|
152KD14
6.5
|
9.7
17
20
0.8
7.5
20
182KD14
14.4
17
22
0.8
7.5
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com