Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 1 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 1 Page - Suntan Capacitors

  TSV Datasheet HTML 1Page - Suntan Capacitors TSV Datasheet HTML 2Page - Suntan Capacitors TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
DIMENSION
L:20mm min
SIZE
D MAX
H MAX
d
E
D05
7.5
10.5
0.6
5
±0.8
D07
9
12
14
0.6
5±0.8
5.5
±0.8
D09
11.5
14
16
0.6
5±0.8
5.5
±0.8
D10
14
17
19
0.8
7.5±0.8
8
±0.8
D14
17
20
22
0.8
7.5±0.8
8
±0.8
15
±1.0
D18
22
25
27
0.8
7.5±0.8
8
±0.8
15
±1.0
D20
25
28
30
0.8
1.0
7.5±0.8
8
±0.8
15
±1.0
T Thickness(max.)
Part Code
D05
D07
D09
D10
D14
D18
D20
182K
--
--
--
--
14.4 14.8 14.8
152K
--
--
--
--
12.0 12.4 12.4
112K
--
--
9.6
9.7
9.7
10.1 10.1
102K
--
--
9.0
9.1
9.1
9.5
9.5
911K
--
--
8.4
8.6
8.6
9.0
9.0
821K
--
7.9
7.9
8.1
8.1
8.5
8.5
781K
--
7.7
7.7
7.9
7.9
8.3
8.3
751K
7.3
7.5
7.5
7.8
7.8
8.2
8.2
681K
7.1
7.3
7.3
7.4
7.4
7.8
7.8
621K
7.1
7.1
7.1
7.1
7.1
7.5
7.5
561K
6.2
6.4
6.4
6.5
6.5
7.0
7.0
511K
6.2
6.4
6.4
6.5
6.5
7.0
7.0
471K
6.0
6.0
6.2
6.5
6.5
7.0
7.0
431K
5.7
5.7
6.0
6.2
6.2
6.7
6.7
391K
5.4
5.4
5.6
5.8
5.8
6.4
6.4
361K
5.2
5.2
5.5
5.7
5.7
6.2
6.2
331K
5.1
5.1
5.3
5.6
5.6
6.0
6.0
301K
5.0
5.0
5.1
5.3
5.3
5.7
5.7
271K
4.9
4.9
5.1
5.2
5.2
5.6
5.6
241K
4.6
4.6
4.9
5.0
5.0
5.4
5.4
221K
4.5
4.5
4.8
4.9
4.9
5.3
5.3
201K
4.4
4.4
4.7
4.8
4.8
5.2
5.2
181K
4.3
4.3
4.6
4.8
4.8
--
5.2
151K
4.8
4.8
5.0
5.2
5.2
--
5.6
121K
4.5
4.5
4.7
4.9
4.7
--
5.3
101K
4..3
4.3
4.5
4.7
4.9
--
5.1
820K
4.1
4.1
4.3
4.5
4.5
--
4.9
680K
4.5
5.2
5.2
5.3
5.3
--
5.8
560K
4.5
5.0
5.1
5.1
5.1
--
5.7
470K
4.5
4.9
5.0
5.0
5.0
--
5.6
390K
4.5
4.8
4.9
4.9
4.9
--
5.5
330K
4.5
4.9
4.9
5.0
5.0
--
--
270K
4.5
4.7
4.7
4.8
4.8
--
--
220K
4.5
4.6
4.6
4.7
4.7
--
--
180L
4.5
4.5
4.5
4.6
4.6
--
--
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246


Similar Part No. - TSV

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSV TRACOPOWER-TSV Datasheet
196Kb / 3P
DC/DC Converters TSV Series, 1 Watt
Rev. August 3, 2022
logo
Amkor Technology
TSV AMKOR-TSV Datasheet
1Mb / 5P
Through Silicon Via (TSV) interconnects serve a wide range of 2.5D packaging applications and architectures.
04/23
logo
List of Unclassifed Man...
TSV-300S024ST ETC2-TSV-300S024ST Datasheet
594Kb / 2P
LED Drivers
TSV-300S028ST ETC2-TSV-300S028ST Datasheet
594Kb / 2P
LED Drivers
TSV-300S036ST ETC2-TSV-300S036ST Datasheet
594Kb / 2P
LED Drivers
More results

Similar Description - TSV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TVR14431 ETC1-TVR14431 Datasheet
2Mb / 43P
ZINC OXIDE VARISTOR 50 SERIES
logo
Ceramate Technical
SMV0402A CERAMATE-SMV0402A Datasheet
250Kb / 9P
Zinc Oxide
SMV0402E CERAMATE-SMV0402E Datasheet
252Kb / 9P
Zinc Oxide
SMV0402M CERAMATE-SMV0402M Datasheet
251Kb / 9P
Zinc Oxide
SMV0603E CERAMATE-SMV0603E Datasheet
251Kb / 9P
Zinc Oxide
SMV0805M CERAMATE-SMV0805M Datasheet
251Kb / 9P
Zinc Oxide
SMV1206A CERAMATE-SMV1206A Datasheet
250Kb / 9P
Zinc Oxide
SMV1210A CERAMATE-SMV1210A Datasheet
250Kb / 9P
Zinc Oxide
logo
Suntan Capacitors
TSV SUNTAN-TSV_17 Datasheet
316Kb / 9P
ZINC OXIDE VARISTOR
logo
RFE international
14N470K RFE-14N470K Datasheet
4Mb / 6P
Zinc Oxide Varistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com