Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 11 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 11 Page - Suntan Capacitors

Back Button TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors TSV Datasheet HTML 10Page - Suntan Capacitors TSV Datasheet HTML 11Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR
APPROVAL
CQC
UL
UL/CUL
VDE
5D
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K
151K,181K,201K,221K,241K,271K,
301K,331K,361K,391K,431K,471K
180K,220K,270K,330K,390K,820K,
101K,121K,561K,
ND
7D
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K,.
681K,821K
151K,181K,201K,221K,241K,271K,
301K,331K,361K,391K,431K,471K
180K,220K,270K,330K,390K,470K,
560K,680K,820K,101K,121K,511K,
561K,621K,681K,
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K,
681K
10D
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K,
681K,751K,821K,911K,102K,112K
181K,201K,221K,241K,271K,301K,
331K,361K,391K,431K,471K,511K,
911K,102K,112K
180K,220K,270K,330K,390K,470K,
560K,680K,820K,101K,121K,151K,
561K,621K,681K,751K,781K,821K
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K.,
681K,751K,821K,911K,102K
14D
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K,
681K,751K,821K,911K,102K,112K
ND
180K,220K,270K,330K,390K,470K,
560K,680K,820K,101K,121K,151K,
181K,201K,221K,241K,271K,301K,
331K,361K,391K,431K,471K,511K,
561K,621K,681K,751K,781K,821K,
911K,102K,112K,182K
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K,
681K,751K,821K,911K,102K
20D
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K,
681K,751K,821K,911K,102K,112K
ND
180K,220K,270K,330K,390K,470K,
560K,680K,820K,101K,121K,151K,
181K,201K,221K,241K,271K,301K,
331K,361K,391K,431K,471K,511K,
561K,621K,681K,751K,781K,821K,
911K,102K,112K,182K
820K,101K,121K,151K,181K,201K,
221K,241K,271K,301K,331K,361K,
391K,431K,471K,511K,561K,621K.,
681K,751K,821K,911K,102K
Note: Specification are subject to change without notice. For more detail and update, please visit our website.
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com