Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 8 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 8 Page - Suntan Capacitors

Back Button TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors TSV Datasheet HTML 10Page - Suntan Capacitors TSV Datasheet HTML 11Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR 20D
SPECIFICATION
Maximum
allowable
Voltage
Maximum Energy
Withstanding
Surge Current
Rated
Wattage
Varistor
Voltage
Maxiumum
Clamping
Voltage
Typical
Capacitance
(reference)
1 time
2 times
Part No
ACrms
(V)
DC
(V)
(10/1000us)
(J)
(2ms)
(J)
(A)
(W)
V1mA (V)
V5A (V)
@1KHz
(pF)
TSV20D182K
1000
1465
560.0
400.0
1800(1620-1980)
2970
220
TSV20D152K
750
1300
420.0
300.0
1500(1350-1650)
2475
260
TSV20D112K
680
895
280.0
200.0
1100(990-1210)
1815
360
TSV20D102K
625
825
280.0
200.0
1000(819-1001)
1650
400
TSV20D911K
550
745
280.0
200.0
910(819-1001)
1500
440
TSV20D821K
510
670
266.0
190.0
820(738-902)
1355
500
TSV20D781K
485
640
266.0
190.0
780(702-858)
1290
510
TSV20D751K
460
615
266.0
190.0
750(675-825)
1240
530
TSV20D681K
420
560
224.0
160.0
680(612-748)
1120
600
TSV20D621K
385
505
224.0
160.0
620(558-682)
1025
650
TSV20D561K
350
460
210.0
150.0
560(504-616)
920
710
TSV20D511K
320
415
210.0
150.0
510(459-561)
845
780
TSV20D471K
300
385
210.0
150.0
470(423-517)
775
850
TSV20D431K
275
350
196.0
140.0
430(387-473)
710
930
TSV20D391K
250
320
182.0
130.0
390(351-429)
650
100
TSV20D361K
235
300
168.0
120.0
360(324-396)
595
1100
TSV20D331K
210
275
140.0
100.0
330(297-363)
550
1200
TSV20D301K
190
250
133.0
95.0
300(270-330)
500
1300
TSV20D271K
175
225
126.0
90.0
270(243-297)
455
1500
TSV20D241K
150
200
112.0
80.0
240(216-264)
395
1650
TSV20D221K
140
180
105.0
75.0
220(198-242)
360
1800
TSV20D201K
130
170
98.0
70.0
200(185-225)
340
2000
TSV20D181K
115
150
84.0
60.0
180(162-198)
300
2200
TSV20D151K
95
125
70.0
50.0
150(135-165)
250
2700
TSV20D121K
75
100
56.0
40.0
120(108-132)
200
3300
TSV20D101K
60
85
42.0
30.0
100(90-110)
165
4000
TSV20D820K
50
65
37.8
27.0
6500
4000
1.0
82(74-90)
135
4900
TSV20D680K
40
56
23.8
17.0
68(61-75)
#135
5800
TSV20D560K
35
45
19.6
14.0
56(50-62)
#110
6500
TSV20D470K
30
38
16.8
12.0
47(42-52)
#93
7400
TSV20D390K
25
31
13.2
9.4
39(35-43)
#77
8500
TSV20D330K
20
26
11.2
7.9
2000
1000
0.2
33(30-36)
#65
10000
#680K—330K Max. Clamping Voltage testing current 25A.
DIMENSIONS
DIMENSIONS(mm)
Model
No.
T
MAX.
D
MAX.
H
MAX.
d.
E±0.8
L
MIN.
330KD20
|
680KD20
5.5
|
5.8
25
28
0.8
1.0
7.5
10
20
820KD20
|
471KD20
4.9
|
7.0
25
28
0.8
1.0
7.5
10
20
511KD20
|
152KD20
7.0
|
10.1
25
30
0.8
1.0
8
10
20
182KD20
14.8
25
30
1.0 15(±1.0)
20
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com