Electronic Components Datasheet Search
  English  ▼

X  

TSV Datasheet(PDF) 9 Page - Suntan Capacitors

Part # TSV
Description  ZINC OXIDE VARISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNTAN [Suntan Capacitors]
Direct Link  http://www.suntan.com.hk
Logo SUNTAN - Suntan Capacitors

TSV Datasheet(HTML) 9 Page - Suntan Capacitors

Back Button TSV Datasheet HTML 3Page - Suntan Capacitors TSV Datasheet HTML 4Page - Suntan Capacitors TSV Datasheet HTML 5Page - Suntan Capacitors TSV Datasheet HTML 6Page - Suntan Capacitors TSV Datasheet HTML 7Page - Suntan Capacitors TSV Datasheet HTML 8Page - Suntan Capacitors TSV Datasheet HTML 9Page - Suntan Capacitors TSV Datasheet HTML 10Page - Suntan Capacitors TSV Datasheet HTML 11Page - Suntan Capacitors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
ZINC OXIDE VARISTOR
Suntan®
TSV
ZINC OXIDE VARISTOR
TAPING SPECIFICATION
Straight Leads (D05, D07, D09, D10)
Series
Symbol
Parameter
05D
07D
09D
10D
P
Pitch Component
12.7±1.0
12.7±1.0
12.7±1.0
12.7±1.0
P0
Feed Hold
12.7±0.3
12.7±0.3
12.7±0.3
12.7±0.3
P1
Feed Hold Center to
Lead
3.85±0.7
3.85±0.7
3.85±0.7
3.75±0.7
P2
Hold Center to
Component Center
6.35±1.3
6.35±1.3
6.35±1.3
7.5±1.3
F
Lead to Lead Distance
5.0±0.5
5.0±0.5
5.0±0.5
7.5±0.5
Δh
Component
Alignment
0±2
0±2
0±2
0±2
W
Tape Width
18.0±1.0
18.0±1.0
18.0±1.0
18.0±1.0
W0
Hold Down Tape
Width
10±0.5
10±0.5
10±0.5
10±0.5
W1
Hold Position
9.0±0.5
9.0±0.5
9.0±0.5
9.0±0.5
W2
Hold Down Tape
Position
3.0max
3.0max
3.0max
3.0max
H
Height from Tape
Center to Component
20.0±2.0
20.0±2.0
20.0±2.0
20.0±2.0
1
Length of Clipped
Lead
1.0max
1.0max
1.0max
1.0max
D0
Feed Hold Diameter
4.0±0.2
4.0±0.2
4.0±0.2
4.0±0.2
t
Total Tape Thickness
0.6±0.3
0.6±0.3
0.6±0.3
0.6±0.3
Unit : mm
Suntan
® Technology Company Limited
Website: www.suntan.com.hk
Email: info@suntan.com.hk
Tel: (852) 8202 8782
Fax: (852) 8208 6246
CP d: 0.55mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com