Electronic Components Datasheet Search
  English  ▼

X  

SS6577 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6577
Description  External NMOS Step-Down PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6577 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6577 Datasheet HTML 1Page - Silicon Standard Corp. SS6577 Datasheet HTML 2Page - Silicon Standard Corp. SS6577 Datasheet HTML 3Page - Silicon Standard Corp. SS6577 Datasheet HTML 4Page - Silicon Standard Corp. SS6577 Datasheet HTML 5Page - Silicon Standard Corp. SS6577 Datasheet HTML 6Page - Silicon Standard Corp. SS6577 Datasheet HTML 7Page - Silicon Standard Corp. SS6577 Datasheet HTML 8Page - Silicon Standard Corp. SS6577 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.SiliconStandard.com
4 of 14
SS6577
Rev.1.02 3/26/2004
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
DRI Rise Time
CLOAD = 3000PF
50
75
ns
DRI Fall Time
CLOAD = 3000PF
50
75
ns
BOOST Voltage
VIN=8V, IBOOST=5mA, SW=0V
4.9
5.3
5.7
V
Maximum Duty Cycle
90
94
%
Soft Start Time
5
7.5
ms
Run Current Source
VITH/RUN=0V, VFB=0V
1.0
2.3
4.0
µA
Run Pullup Current
VITH/RUN=1V
100
190
250
µA
Note 1:
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Note 2:
Dynamic supply current is higher due to the gate charge being delivered at the switching frequency.
TYPICAL PERFORMANCE CHARACTERISTICS
1
10
100
1000
10000
70
75
80
85
90
95
100
VIN=6V
Load Current (mA)
VIN=12V
VIN=19V
VOUT=3.3V
Fig. 1 Efficiency vs Load Current (VOUT=3.3V)
Load Current (mA)
Fig. 2 Efficiency vs Load Current (VOUT=5.0V)
1
10
100
1000
10000
70
75
80
85
90
95
100
VOUT=5V
VIN=6V
VIN=12V
VIN=19V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com